Electronic Components Datasheet Search
  English  ▼

X  

LTC3230 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3230
Description  5-LED Main/Sub Display Driver with Dual LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3230 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3230 Datasheet HTML 8Page - Linear Technology LTC3230 Datasheet HTML 9Page - Linear Technology LTC3230 Datasheet HTML 10Page - Linear Technology LTC3230 Datasheet HTML 11Page - Linear Technology LTC3230 Datasheet HTML 12Page - Linear Technology LTC3230 Datasheet HTML 13Page - Linear Technology LTC3230 Datasheet HTML 14Page - Linear Technology LTC3230 Datasheet HTML 15Page - Linear Technology LTC3230 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3230
14
3230fa
In 2x boost mode as well, the efficiency is similar to that
of a linear regulator with an effective input voltage of 2
times the actual input voltage. In an ideal 2x charge pump,
the power efficiency would be given by:
η=
=
=
P
P
VI
VI
V
V
LED
IN
LED
LED
IN
IN
LED
IN
•
••
•
22
Thermal Management
For higher input voltages and maximum output current,
there can be substantial power dissipation in the LTC3230.
If the junction temperature increases above approximately
150°C the thermal shutdown circuitry will automatically
deactivate the output current sources, charge pump and
both LDOs. To reduce maximum junction temperature,
a good thermal connection to the PC board is recom-
mended. Connecting the Exposed Pad to a ground plane
and maintaining a solid ground plane under the device
will reduce the thermal resistance of the package and PC
board considerably.
Its built-in thermal shutdown circuitry will protect the
LTC3230 from short term transient events. For continu-
ous operation the maximum rated junction temperature
is 125°C. The power dissipated by the device is made up
of three components:
1. The LTC3230 IVIN operating current (found in the Elec-
trical Characteristics table) multiplied by VIN.
PQ = IQ • VIN
2. The sum of the LED currents multiplied by the differ-
ence between VIN • Mode and the LED forward voltage
where Mode is 1, 1.5 or 2 depending on the charge
pump mode.
PCP = (VIN • Mode – VLED) • ILEDTOTAL
3. For each LDO, the product of the LDO output current
and the difference between VIN and the LDO.
PLDO = (VIN – VLDO1) • ILDO1 + (VIN – VLDO2) • ILDO2
Given a thermal resistance,
θJA, for the LTC3230 QFN
package of 68°C/W, at an ambient temperature of 70°C
the total power in the LTC3230 should be kept to less than
815mW. Applications in which the LDO output voltages
are set to the lower range and which use a high VIN input
voltage may require limiting the total current output to
keep TJ less than 125°C at the upper ambient temperature
corners.
An example using the parameters in Table 4 shows an ap-
plication that just meets the maximum junction temperature
limit. An increase in VIN, for example, will require reducing
the output current of the charge pump or LDO.
Table 4. TJ Calculation Example Parameters
VIN
3.6V
Mode
1.5x
VLED
3.3V
ILEDTOTAL
100mA (20mA/LED)
VLDO1
1.5V
VLDO2
2.8V
ILDO1
200mA
ILDO2
200mA
θJA
68°C/W
TA
70°C
Total Power Dissipation
799mW
Internal Junction Temperature
124°C
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com