Electronic Components Datasheet Search
  English  ▼

X  

LTC3230 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3230
Description  5-LED Main/Sub Display Driver with Dual LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3230 Datasheet(HTML) 4 Page - Linear Technology

  LTC3230 Datasheet HTML 1Page - Linear Technology LTC3230 Datasheet HTML 2Page - Linear Technology LTC3230 Datasheet HTML 3Page - Linear Technology LTC3230 Datasheet HTML 4Page - Linear Technology LTC3230 Datasheet HTML 5Page - Linear Technology LTC3230 Datasheet HTML 6Page - Linear Technology LTC3230 Datasheet HTML 7Page - Linear Technology LTC3230 Datasheet HTML 8Page - Linear Technology LTC3230 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3230
4
3230fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Based on long-term current density limitations. Assumes an
operating duty cycle of ≤10% under absolute maximum conditions
for durations less than 10 seconds. Maximum current for continuous
operation is 125mA.
Note 3: Based on long-term current density limitations. LD01 and LD02
have short circuit protection which limits current to no more than 750mA.
Assumes an operating short circuit duty cycle less than 3% for durations
less than 10 seconds.
Note 4: The LTC3230 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C ambient
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 6: 1.5x mode output impedance is defined as (1.5VIN – VCPO)/IOUT. 2x
mode output impedance is defined as (2VIN – VCPO)/IOUT.
Note 7: If the part has been shut down then the initial enable time is about
100μs longer due to the bandgap start-up and charge pump soft-start
times.
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise noted.
Dropout Time from Enable
Dropout Time when Enabled
1.5x CPO Ripple
2x CPO Ripple
1x Mode Switch Resistance vs
Temperature
1.5x Mode Charge Pump Open-
Loop Output Resistance vs
Temperature (1.5VIN – VCPO)/ICPO
CPO
2V/DIV
400
μs/DIV
ENS = LOW
3230 G01
ENM
2V/DIV
1x
2x
1.5x
CPO
2V/DIV
400
μs/DIV
ENS = HIGH
3230 G02
ENM
2V/DIV
1x
2x
1.5x
MODE RESET
VCPO
20mV/DIV
AC COUPLED
400ns/DIV
VIN = 3V
ICPO = 80mA
C1 = C2 = C6 = 1
μF
3230 G03
VCPO
20mV/DIV
AC COUPLED
400ns/DIV
VIN = 3.6V
ICPO = 80mA
C1 = C2 = C6 = 1
μF
3230 G04
TEMPERATURE (
°C)
–40
1.6
1.8
2.0
60
3230 G05
1.4
1.2
1.5
1.7
1.9
1.3
1.1
1.0
–15
10
35
85
ICPO = 100mA
VIN = 3.6V
TEMPERATURE (
°C)
–40
5
6
7
8
9
10
11
–15
10
35
60
3230 G06
85
VIN = 3V
VCPO = 4.2V
C1 = C2 = C6 = 1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com