Electronic Components Datasheet Search
  English  ▼

X  

UM0116 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0116
Description  STR7 family Flash programming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0116 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0116 Datasheet HTML 18Page - STMicroelectronics UM0116 Datasheet HTML 19Page - STMicroelectronics UM0116 Datasheet HTML 20Page - STMicroelectronics UM0116 Datasheet HTML 21Page - STMicroelectronics UM0116 Datasheet HTML 22Page - STMicroelectronics UM0116 Datasheet HTML 23Page - STMicroelectronics UM0116 Datasheet HTML 24Page - STMicroelectronics UM0116 Datasheet HTML 25Page - STMicroelectronics UM0116 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Flash memory protection
UM0116
22/27
3.4.2
Flash NV access protection register 0 (FLASH_NVAPR0)
Address offset: 0x10 DFB8
Delivery value: 0x3569 ACFFh
1) Not available in STR75x.
2) Not available in STR71x and STR73x.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
76
5432
1
0
Reserved
DEBUG
1)
READ
OUT2)
rw
rw
Bit 31:2
Reserved, always read as 0.
Bit 1
DEBUG: Debug Protection.
If this bit is erased to 1, protections are by-passed and the Flash is
accessible through its JTAG interface.
If DEBUG is programmed at 0 the device is DEBUG protected, the JTAG
interface is disabled.
Note:
In STR73x devices, when debug protection is enabled, the
SystemMemory Mode is also disabled.
Note:
If this bit is programmed to ‘0’, STMicroelectronics will not be
able to access the device to run a possible failure analysis.
Bit 0
READOUT: Readout Protection.
If this bit is erased to 1, protections are by-passed and the Flash is
accessible through its JTAG interface.
If READOUT is programmed at 0 the device is READOUT protected, the
JTAG interface is disabled.
Note:
If this bit is programmed to ‘0’, STMicroelectronics will not be
able to access the device to run a possible failure analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com