Electronic Components Datasheet Search
  English  ▼

X  

UM0116 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0116
Description  STR7 family Flash programming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0116 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0116 Datasheet HTML 1Page - STMicroelectronics UM0116 Datasheet HTML 2Page - STMicroelectronics UM0116 Datasheet HTML 3Page - STMicroelectronics UM0116 Datasheet HTML 4Page - STMicroelectronics UM0116 Datasheet HTML 5Page - STMicroelectronics UM0116 Datasheet HTML 6Page - STMicroelectronics UM0116 Datasheet HTML 7Page - STMicroelectronics UM0116 Datasheet HTML 8Page - STMicroelectronics UM0116 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
UM0116
Flash module organization
5/27
The Flash program memory is organized in 32-bit wide memory cells which can be used for
storing both code and data constants. The flash module is located at a specific base
address in the memory map of each STR7 Microcontroller type. For the base address,
please refer to the related STR7 Microcontroller Reference Manual.
SystemMemory is a sector used to boot the device in SystemMemory Boot Mode. The area
is reserved for use by STMicroelectronics. It is programmed by ST when the device is
manufactured and protected against spurious write/erase operations.
Bank 1 contains 16 Kbytes of Data Memory: it is divided into 2 sectors (8 Kbytes each). You
can program application data in this area.
You can Program Bank 0 and Bank 1 independently, i.e. you can read from one bank while
writing to the other.
The write operations of the two banks are managed by an embedded Flash Program/Erase
Controller (FPEC). The high voltage needed for Program/Erase operations is internally
generated.
The Flash memory can be protected against different types of unwanted access
(read/write/erase). There are two types of protection:
●
Sector Write Protection
●
Flash DEBUG/READOUT Protection
Refer to Section 3 for more details.
During a Flash write operation any attempt to read the bank under modification will output
invalid data. This means that the Flash bank is not fetchable when a write operation is
active.
Note:
The write operation commands must be executed from another bank or another memory
(internal RAM or external memory).
You can program Flash memory using In-Circuit Programming and In-Application
programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com