Electronic Components Datasheet Search
  English  ▼

X  

UM0116 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM0116
Description  STR7 family Flash programming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0116 Datasheet(HTML) 4 Page - STMicroelectronics

  UM0116 Datasheet HTML 1Page - STMicroelectronics UM0116 Datasheet HTML 2Page - STMicroelectronics UM0116 Datasheet HTML 3Page - STMicroelectronics UM0116 Datasheet HTML 4Page - STMicroelectronics UM0116 Datasheet HTML 5Page - STMicroelectronics UM0116 Datasheet HTML 6Page - STMicroelectronics UM0116 Datasheet HTML 7Page - STMicroelectronics UM0116 Datasheet HTML 8Page - STMicroelectronics UM0116 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Flash module organization
UM0116
4/27
1
Flash module organization
The on-chip Flash is divided in 2 banks that can be read and modified independently one
from the other: one bank can be read while another bank is being modified.
Table 1 shows the Flash Module Organization, while Table 2 shows the Control Register
interface, with the registers that can be addressed by the CPU.
Table 1.
Flash module organization
Bank
Sector
Addresses (Offset)
Size (bytes)
Bank 0
256 Kbytes
Program Memory
+
8K SystemMemory4)
Bank 0 Flash Sector 0 (B0F0)
0x00 0000 - 0x00 1FFF
8K
Bank 0 Flash Sector 1 (B0F1)
0x00 2000 - 0x00 3FFF
8K
Bank 0 Flash Sector 2 (B0F2)
0x00 4000 - 0x00 5FFF
8K
Bank 0 Flash Sector 3 (B0F3)
0x00 6000 - 0x00 7FFF
8K
Bank 0 Flash Sector 4 (B0F4)
0x00 8000 - 0x00 FFFF
32K
Bank 0 Flash Sector 5 (B0F5)
0x01 0000 - 0x01 FFFF
64K2)
Bank 0 Flash Sector 6 (B0F6)
0x02 0000 - 0x02 FFFF
64K1)2)
Bank 0 Flash Sector 7 (B0F7)
0x03 0000 - 0x03 FFFF
64K1)2)
Bank 0 SystemMemory Sector4)
0x10 C0000 - 0x10DFFF4)
8K4)
Bank 1
16 Kbytes
Data Memory3)
Bank 1 Flash Sector 0 (B1F0)
0x0C 0000 - 0x0C 1FFF
8K
Bank 1 Flash Sector 0 (B1F1)
0x0C 2000 - 0x0C 3FFF
8K
1)
Not available in 128K versions.
2)
Not available in 64K versions.
3)
Not available in STR73x.
4)
Available only in STR73x and STR75x.
Table 2.
Control and Protection Register Interface
Name
Description
Addresses
Size
FLASH_CR1-0
Flash Control Registers 1-0
0x10 0000 - 0x10 0007 2 x 32-bit
FLASH_DR1-0
Flash Data Registers 1-0
0x10 0008 - 0x10 000F 2 x 32-bit
FLASH_AR
Flash Address Register
0x10 0010 - 0x10 0013
32-bit
FLASH_ER
Flash Error Register
0x10 0014 - 0x10 0017
32-bit
FLASH_NVWPR
Non Volatile Write Protection Register
0x10 DFB0 - 0x10
DFB3
32-bit
FLASH_NVAPR1-
0
Non Volatile Access Protection Register 0-1
0x10 DFB8 - 0x10
DFBF
2 x 32-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com