Electronic Components Datasheet Search
  English  ▼

X  

LTC5536 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5536
Description  600MHz to 7GHz Precision RF Detector with Fast Comparator Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5536 Datasheet(HTML) 2 Page - Linear Technology

  LTC5536 Datasheet HTML 1Page - Linear Technology LTC5536 Datasheet HTML 2Page - Linear Technology LTC5536 Datasheet HTML 3Page - Linear Technology LTC5536 Datasheet HTML 4Page - Linear Technology LTC5536 Datasheet HTML 5Page - Linear Technology LTC5536 Datasheet HTML 6Page - Linear Technology LTC5536 Datasheet HTML 7Page - Linear Technology LTC5536 Datasheet HTML 8Page - Linear Technology LTC5536 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC5536
2
5536f
VCC, VOUT, VM, LEN .................................... –0.3V to 6V
RFIN Voltage ...................................(VCC ± 1.5V) to 6.5V
IVOUT .................................................................. ±25mA
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Maximum Junction Temperature ......................... 125°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.6V, RF Input Signal is Off, VM = 160mV unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Operating Voltage
●
2.7
5.5
V
IVCC Operating Current
IVOUT = 0mA, VM = 0.5V
●
2.1
3
mA
VOUT VOL (No RF Input)
ISINK = 20mA, VM = 0.5V
0.8
V
VOUT VOH (No RF Input)
ISOURCE = 20mA, VM = 0V
VCC – 0.4
V
VOUT Output Current
●
±15
±20
mA
VM Voltage Range
●
VCC -1. 8
V
VM Input Current
●
–0.5
0.5
µA
VM Switch Point (No RF Input)
VOUT Low to High
●
65
100
135
mV
VOUT High to Low
90
mV
LEN Input Current
LEN = 3.6V
●
22
42
µA
LEN Switch Point
Low to High
●
1.5
V
High to Low
●
0.5
V
RFIN Input Frequency Range
(Note 5)
600 to 7000
MHz
RFIN Input Power Range
RF Frequency = 600MHz to 7GHz (Note 3, 4) VCC = 2.7V to 5.5V
–26 to 12
dBm
RFIN AC Input Resistance
F = 1000MHz, Pin = –25dBm
220
Ω
RFIN Input Shunt Capacitance
F = 1000MHz, Pin = –25dBm
0.65
pF
Response Time
∆VRF = 1VP-P, fRF = 1000MHz, VM = 0.15V,
20
ns
VOUT Low to High Transition
tr VOUT Rise Time
0.5V to 3V
2
ns
tf VOUT Fall Time
3V to 0.5V
2
ns
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
S6 PART
MARKING
TJMAX = 125°C, θJA = 250°C/W
LBDS
LTC5536ES6
6 VCC
5 VOUT
4 LEN
RFIN 1
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
GND 2
VM 3
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Specifications over the –40°C to 85°C operating temperature
range are assured by design, characterization and correlation with
statistical process controls.
Note 3: RF performance is tested at 1800MHz.
Note 4: Guaranteed by design.
Note 5: Operation at higher frequencies is possible with reduced
performance. Consult factory for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com