Electronic Components Datasheet Search
  English  ▼

X  

LTC5536 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5536
Description  600MHz to 7GHz Precision RF Detector with Fast Comparator Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5536 Datasheet(HTML) 3 Page - Linear Technology

  LTC5536 Datasheet HTML 1Page - Linear Technology LTC5536 Datasheet HTML 2Page - Linear Technology LTC5536 Datasheet HTML 3Page - Linear Technology LTC5536 Datasheet HTML 4Page - Linear Technology LTC5536 Datasheet HTML 5Page - Linear Technology LTC5536 Datasheet HTML 6Page - Linear Technology LTC5536 Datasheet HTML 7Page - Linear Technology LTC5536 Datasheet HTML 8Page - Linear Technology LTC5536 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC5536
3
5536f
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
RF Input Signal Off, VLEN = 0V
RF INPUT POWER (dBm)
–28
2800
2400
2000
1600
1200
800
400
0
5536 G04
–20
12
8
4
0
–4
–8
–24
–16 –12
RF INPUT POWER (dBm)
–28
2800
2400
2000
1600
1200
800
400
0
5536 G03
–20
12
8
4
0
–4
–8
–24
–16 –12
VCC = 3.6V
VLEN = 0V
RF INPUT POWER (dBm)
–28
2800
2400
2000
1600
1200
800
400
0
5536 G06
–20
12
8
4
0
–4
–8
–24
–16 –12
RF INPUT POWER (dBm)
–28
2800
2400
2000
1600
1200
800
400
0
5536 G05
–20
12
8
4
0
–4
–8
–24
–16 –12
RF INPUT POWER (dBm)
–28
2800
2400
2000
1600
1200
800
400
0
5536 G07
–20
12
8
4
0
–4
–8
–24
–16 –12
RF INPUT POWER (dBm)
–28
2800
2400
2000
1600
1200
800
400
0
5536 G08
–20
12
8
4
0
–4
–8
–24
–16 –12
RF INPUT POWER (dBm)
–28
2800
2400
2000
1600
1200
800
400
0
5536 G09
–20
12
8
4
0
–4
–8
–24
–16 –12
SUPPLY VOLTAGE (V)
2.5
3.0
4.0
3.5
4.5
5.0
5.5
5536 G01
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
SUPPLY VOLTAGE (V)
2.5
3.0
4.0
3.5
4.5
5.0
5.5
5536 G02
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VM = 0.25V
VM = 0.25V
VCC = 3.6V
VLEN = 0V
VCC = 3.6V
VLEN = 0V
VCC = 3.6V
VLEN = 0V
VCC = 3.6V
VLEN = 0V
VCC = 3.6V
VLEN = 0V
VCC = 3.6V
VLEN = 0V
TA = 85°C
TA = 25°C
TA = –40°C
TA = 85°C
TA = 85°C
TA = 25°C
TA = –40°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = –40°C
TA = 25°C
Supply Current vs Supply Voltage
RF Input Signal Off, VLEN = VCC
VM Comparator Switching Voltage
vs RF Input Power 600MHz
VM Comparator Switching Voltage
vs RF Input Power 1000MHz
VM Comparator Switching Voltage
vs RF Input Power 2000MHz
VM Comparator Switching Voltage
vs RF Input Power 3000MHz
VM Comparator Switching Voltage
vs RF Input Power 4000MHz
VM Comparator Switching Voltage
vs RF Input Power 5000MHz
VM Comparator Switching Voltage
vs RF Input Power 6000MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com