Electronic Components Datasheet Search
  English  ▼

X  

LTC5536 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5536
Description  600MHz to 7GHz Precision RF Detector with Fast Comparator Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5536 Datasheet(HTML) 4 Page - Linear Technology

  LTC5536 Datasheet HTML 1Page - Linear Technology LTC5536 Datasheet HTML 2Page - Linear Technology LTC5536 Datasheet HTML 3Page - Linear Technology LTC5536 Datasheet HTML 4Page - Linear Technology LTC5536 Datasheet HTML 5Page - Linear Technology LTC5536 Datasheet HTML 6Page - Linear Technology LTC5536 Datasheet HTML 7Page - Linear Technology LTC5536 Datasheet HTML 8Page - Linear Technology LTC5536 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC5536
4
5536f
TYPICAL PERFOR A CE CHARACTERISTICS
5536 G10
RF INPUT POWER (dBm)
–20
1000
100
10
1
–4
–8
–12
–16
0
4
8
12
5536 G11
VCC = 3.6V
RF INPUT POWER (dBm)
–20
1000
100
10
1
–4
–8
–12
–16
0
4
8
12
5536 G12
VCC = 3.6V
RF INPUT POWER (dBm)
–20
1000
100
10
1
–4
–8
–12
–16
0
4
8
12
5536 G13
VCC = 3.6V
RF INPUT POWER (dBm)
–20
1000
100
10
1
–4
–8
–12
–16
0
4
8
12
5536 G14
VCC = 3.6V
RF INPUT POWER (dBm)
–20
1000
100
10
1
–4
–8
–12
–16
0
4
8
12
5536 G15
VCC = 3.6V
RF INPUT POWER (dBm)
–20
1000
100
10
1
–4
–8
–12
–16
0
4
8
12
5536 G18
VCC = 3.6V
RF INPUT POWER (dBm)
–20
1000
100
10
1
–4
–8
–12
–16
0
4
8
12
5536 G17
VCC = 3.6V
RF INPUT POWER (dBm)
–20
1000
100
10
1
–4
–8
–12
–16
0
4
8
12
5536 G16
VCC = 3.6V
VCC = 3.6V
VLEN = 0V
RF INPUT POWER (dBm)
–28
2800
2400
2000
1600
1200
800
400
0
–20
12
8
4
0
–4
–8
–24
–16 –12
TA = 85°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = –40°C
TA = 25°C
TA = 85°C
TA = –40°C
TA = 25°C
VM Comparator Switching Voltage
vs RF Input Power 7000MHz
Slope of VM Comparator
Switching Voltage vs
RF Input Power at 600MHz
Slope of VM Comparator
Switching Voltage vs
RF Input Power at 1000MHz
Slope of VM Comparator
Switching Voltage vs
RF Input Power at 2000MHz
Slope of VM Comparator
Switching Voltage vs
RF Input Power at 3000MHz
Slope of VM Comparator
Switching Voltage vs
RF Input Power at 4000MHz
Slope of VM Comparator
Switching Voltage vs
RF Input Power at 5000MHz
Slope of VM Comparator
Switching Voltage vs
RF Input Power at 6000MHz
Slope of VM Comparator
Switching Voltage vs
RF Input Power at 7000MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com