Electronic Components Datasheet Search
  English  ▼

X  

LTC5564 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC5564
Description  UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5564 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC5564 Datasheet HTML 8Page - Linear Technology LTC5564 Datasheet HTML 9Page - Linear Technology LTC5564 Datasheet HTML 10Page - Linear Technology LTC5564 Datasheet HTML 11Page - Linear Technology LTC5564 Datasheet HTML 12Page - Linear Technology LTC5564 Datasheet HTML 13Page - Linear Technology LTC5564 Datasheet HTML 14Page - Linear Technology LTC5564 Datasheet HTML 15Page - Linear Technology LTC5564 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC5564
13
5564fc
For more information www.linear.com/LTC5564
APPLICATIONS INFORMATION
Figure 6. Demo Board Schematic for 5GHz RF Detector










































































































+


+










NC
VCCRF
VREF
VCOMP
VCCA
VCCP
VOUT
NC
GAIN1
GAIN0
VOUTADJ
LEN
GND
GND
NC
RFIN
U1
LTC5564IUD
NC
VCCRF
VREF
VCOMP
VCCA
VCCP
VOUT
NC
GAIN1
GAIN0
VOUTADJ
LEN
GND
GND
NC
RFIN
U1
LTC5564IUD



































































































Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com