Electronic Components Datasheet Search
  English  ▼

X  

LTC5564 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC5564
Description  UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5564 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC5564 Datasheet HTML 2Page - Linear Technology LTC5564 Datasheet HTML 3Page - Linear Technology LTC5564 Datasheet HTML 4Page - Linear Technology LTC5564 Datasheet HTML 5Page - Linear Technology LTC5564 Datasheet HTML 6Page - Linear Technology LTC5564 Datasheet HTML 7Page - Linear Technology LTC5564 Datasheet HTML 8Page - Linear Technology LTC5564 Datasheet HTML 9Page - Linear Technology LTC5564 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC5564
6
5564fc
For more information www.linear.com/LTC5564
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT vs Input Power 15GHz
Comparator Rising Edge
Threshold vs Frequency
GAIN1 VOUT/RFIN Histogram
FREQUENCY (MHz)
0
600
800
1000
2000
1400
4000
8000
5564 G16
400
1600
1800
1200
12000
16000
VCC = 5V
TA = 25°C
RFIN = 10dBm
GAIN (V/V)
1.32
20
30
1.40
5564 G17
10
25
15
5
0
1.34
1.36 1.37
35
1.38
1.33
1.35
1.41
1.39
Comparator Threshold Voltage
vs RF Input Power
GAIN2 VOUT/RFIN Histogram
RFIN POWER (dBm)
–10
0
400
1200
1600
2000
10
14
18
3600
5564 G15
800
–6
–2
2
6
2400
2800
3200
VREF RISING
VCC = 5V
TA = 25°C
FREQUENCY = 2.7GHz
GAIN (V/V)
2.710
2.750
2.790
2.830
2.870
2.910
0
5
10
15
20
25
5564 G18
RFIN POWER (dBm)
–10
800
1000
14 16
5564 G29
600
0
–4
2
8
–8
–2
4
10
–6
0
6
12
400
VCC = 5V
GAIN1
TA = 25°C
VOUT vs Input Power 10GHz
RFIN POWER (dBm)
–24
2400
3200
4000
4800
8
5564 G28
1600
800
2000
2800
3600
4400
1200
400
0
–16
–8
0
–20
12
–12
–4
4
16
VCC = 5V
TA = 25°C
GAIN8
GAIN2
GAIN4
GAIN1
VCC = 5V
GAIN1
–40°C
125°C
105°C
25°C
RFIN POWER (dBm)
–10 –8 –6 –4 –2 0 2 4 6 8 10 12 14 16
0
200
400
600
800
1000
1200
1400
1600
1800
VOUT vs Input Power 12GHz
5564 G14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com