Electronic Components Datasheet Search
  English  ▼

X  

LTC5564 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5564
Description  UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5564 Datasheet(HTML) 4 Page - Linear Technology

  LTC5564 Datasheet HTML 1Page - Linear Technology LTC5564 Datasheet HTML 2Page - Linear Technology LTC5564 Datasheet HTML 3Page - Linear Technology LTC5564 Datasheet HTML 4Page - Linear Technology LTC5564 Datasheet HTML 5Page - Linear Technology LTC5564 Datasheet HTML 6Page - Linear Technology LTC5564 Datasheet HTML 7Page - Linear Technology LTC5564 Datasheet HTML 8Page - Linear Technology LTC5564 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC5564
4
5564fc
For more information www.linear.com/LTC5564
TYPICAL PERFORMANCE CHARACTERISTICS
Demodulation Bandwidth
Demodulation Bandwidth vs VOUT
VOUT Offset vs Supply Voltage
VOUT Pulse Response = –10dBm
VOUT Pulse Response, PIN = 8dBm
FREQUENCY (MHz)
0.01
0.1
1
10
100
1000
5564 G01
–50
30
20
10
–10
–20
–30
–40
0
VOUT = 500mV
GAIN8
GAIN4
GAIN2
GAIN1
VCC (V)
3
400
350
300
250
5
5564 G05
3.5
4
4.5
5.5
GAIN8
GAIN4
GAIN2
GAIN1
10ns/DIV
5564 G03
VOUT
500mV/DIV
ASK MODULATED RF
INPUT SIGNAL START
VCC = 5V
ASK MODULATION FREQUENCY 2.7GHz
GAIN1
10ns/DIV
5564 G04
VOUT
50mV/DIV
ASK MODULATED RF
INPUT SIGNAL START
VCC = 5V
ASK MODULATION FREQUENCY 2.7GHz
GAIN1
VOUT (mV)
200
40
50
60
500
5564 G02
30
20
0
250
300
350
400
450
10
80
70
85°C
25°C
–40°C
GAIN1
GAIN2
GAIN4
GAIN8
VCC = 5V
+3 STDEV
AVERAGE
–3 STDEV
TEMPERATURE (°C)
–40 –25 –10 5 20 35 50 65 80 95 110 125
230
250
270
290
310
330
350
GAIN1
VOUT Offset vs Temperature
5564 G06
VCC = 5V
+3 STDEV
AVERAGE
–3 STDEV
TEMPERATURE (°C)
–40 –25 –10 5 20 35 50 65 80 95 110 125
230
250
270
290
310
330
350
GAIN2
VOUT Offset vs Temperature
5564 G07
VCC = 5V
+3 STDEV
AVERAGE
–3 STDEV
TEMPERATURE (°C)
–40 –25 –10 5 20 35 50 65 80 95 110 125
230
250
270
290
310
330
350
370
390
410
430
GAIN4
VOUT Offset vs Temperature
5564 G08
VCC = 5V
+3 STDEV
AVERAGE
–3 STDEV
TEMPERATURE (°C)
–40 –25 –10 5 20 35 50 65 80 95 110 125
190
240
290
340
390
440
490
540
590
GAIN8
VOUT Offset vs Temperature
5564 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com