Electronic Components Datasheet Search
  English  ▼

X  

TZGC18TWS Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # TZGC18TWS
Description  200mW Multiple Terminals SMD Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TZGC18TWS Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  TZGC18TWS Datasheet HTML 1Page - TAITRON Components Incorporated TZGC18TWS Datasheet HTML 2Page - TAITRON Components Incorporated TZGC18TWS Datasheet HTML 3Page - TAITRON Components Incorporated TZGC18TWS Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. A/WW
200mW Multiple Terminals SMD Zener Diodes
www.taitroncomponents.com
Page 4 of 4
TZGC2V4TWS –TZGC75TWS
Taitron Zener Multiple Terminals
SOT363 Package
Packing Code:
TR
70: 7” reel in Tape and Reel, RoHS
Triple Isolated
Nominal Zener Voltage
5% Tolerance
Factory Code
Ordering Information
TZG C 2V4 T WS – xx
– TR70
How to contact us
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329 (661)-257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO
C.P. 42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENT TECHNOLOGY, SHANGHAI CORPORATION
METROBANK PLAZA,1160 WEST YAN’AN ROAD, SUITE 1503, SHANGHAI,200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-2302-5027
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931
TAITRON COMPONENTS INCORPORATED TAIWAN, TAIPEI
6F., No.190, Sec. 2, Zhongxing Rd., Xindian Dist., New Taipei City 23146, Taiwan R.O.C.
Tel: 886-2-2913-6238
Fax: 886-2-2913-6239



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com