Electronic Components Datasheet Search
  English  ▼

X  

TZGC18TWS Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TZGC18TWS
Description  200mW Multiple Terminals SMD Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TZGC18TWS Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TZGC18TWS Datasheet HTML 1Page - TAITRON Components Incorporated TZGC18TWS Datasheet HTML 2Page - TAITRON Components Incorporated TZGC18TWS Datasheet HTML 3Page - TAITRON Components Incorporated TZGC18TWS Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/WW
TZGC2V4TWS –TZGC75TWS
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 4
200mW Multiple Terminals
SMD Zener Diodes
200mW Multiple Terminals SMD Zener Diodes
Features
 200mW Power Dissipation Rating
 Zener Voltage from 2.4v to 75v
 Ideally Suited for Automatic Insertion
 Lead Free in Comply with EU RoHS 2002/95/EC Directives
 Green Molding Compound as Per IEC61249 Std. (Halogen Free)
 RoHS Compliance
Mechanical Data
Case:
SOT-363, molded plastic
Terminals:
Solderable per MIL-STD-750,Method 2026
Polarity:
See Diagram
Approx Weight:
0.006 grams
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
PD
Power Dissipation on FR-5 board
200
mW
TA=25°C
RJA
Thermal Resistance, Junction to Ambient Air
on FR-5 board
625
°C/W
TJ, TSTG
Operating Junction and Storage Temperature
Range
-65 to +150
°C
SOT-363
1
2
3
4
5
6
1


Similar Part No. - TZGC18TWS

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
TZG001 BURKERT-TZG001 Datasheet
345Kb / 7P
Cylinder
31.01.2020
More results

Similar Description - TZGC18TWS

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
BAT54 TAITRON-BAT54 Datasheet
191Kb / 6P
Multiple Terminals SMD Schottky Diodes
BZT52C2V4 TAITRON-BZT52C2V4 Datasheet
213Kb / 4P
410mW Two Terminals SMD Zener Diodes
BZT52C2V4-F TAITRON-BZT52C2V4-F Datasheet
212Kb / 4P
410mW Two Terminals SMD Zener Diodes
BZT52C2V4WS TAITRON-BZT52C2V4WS Datasheet
184Kb / 5P
200mW Two Terminals SMD Zener Diodes
MMSZ4681 TAITRON-MMSZ4681 Datasheet
156Kb / 6P
500mW Two Terminals SMD Zener Diodes
MMSZ4685-F TAITRON-MMSZ4685-F Datasheet
111Kb / 3P
500mW Two Terminals SMD Zener Diodes
MMSZ5225B TAITRON-MMSZ5225B Datasheet
203Kb / 6P
500mW Two Terminals SMD Zener Diodes
MMSZ5225B-F TAITRON-MMSZ5225B-F Datasheet
161Kb / 4P
500mW Two Terminals SMD Zener Diodes
BAV70WS TAITRON-BAV70WS Datasheet
307Kb / 4P
Multiple Terminals SMD Switching Diodes
logo
First Components Intern...
BZX84C2V4W FCI-BZX84C2V4W Datasheet
166Kb / 2P
200mW ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com