Electronic Components Datasheet Search
  English  ▼

X  

TZGC18TWS Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TZGC18TWS
Description  200mW Multiple Terminals SMD Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TZGC18TWS Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TZGC18TWS Datasheet HTML 1Page - TAITRON Components Incorporated TZGC18TWS Datasheet HTML 2Page - TAITRON Components Incorporated TZGC18TWS Datasheet HTML 3Page - TAITRON Components Incorporated TZGC18TWS Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/WW
200mW Multiple Terminals SMD Zener Diodes
www.taitroncomponents.com
Page 2 of 4
TZGC2V4TWS –TZGC75TWS
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Part NO.
Marking
Code
Nominal Zener Voltage
@
IZT
Test
Current
Max. Zener Impedance
Max. Reverse
Leakage Current
IR @ VR
VZ(V)
IZT(mA)
ZZT@ IZT
ZZK@ IZK
Nom.
Min.
Max.
Ω
Ω
mA
IR (
A)
VR(V)
TZGC2V4TWS
W1
2.4
2.28
2.52
5
100
600
1
50
1.0
TZGC2V7TWS
W2
2.7
2.57
2.84
5
100
600
1
20
1.0
TZGC3V0TWS
W3
3.0
2.85
3.15
5
95
600
1
10
1.0
TZGC3V3TWS
W4
3.3
3.14
3.47
5
95
600
1
5.0
1.0
TZGC3V6TWS
W5
3.6
3.42
3.78
5
90
600
1
5.0
1.0
TZGC3V9TWS
W6
3.9
3.71
4.10
5
90
600
1
3.0
1.0
TZGC4V3TWS
W7
4.3
4.09
4.52
5
90
600
1
3.0
1.0
TZGC4V7TWS
W8
4.7
4.47
4.94
5
80
500
1
3.0
2.0
TZGC5V1TWS
W9
5.1
4.85
5.36
5
60
480
1
2.0
2.0
TZGC5V6TWS
WA
5.6
5.32
5.88
5
40
400
1
1.0
2.0
TZGC6V2TWS
WB
6.2
5.89
6.51
5
10
150
1
3.0
4.0
TZGC6V8TWS
WC
6.8
6.46
7.14
5
15
80
1
2.0
4.0
TZGC7V5TWS
WD
7.5
7.13
7.88
5
15
80
1
1.0
5.0
TZGC8V2TWS
WE
8.2
7.79
8.61
5
15
80
1
0.7
5.0
TZGC8V7TWS
87C
8.7
8.27
9.14
5
15
100
1
0.7
5.0
TZGC9V1TWS
WF
9.1
8.65
9.56
5
15
100
1
0.5
6.0
TZGC10TWS
WG
10
9.5
10.50
5
20
150
1
0.2
7.0
TZGC11TWS
WH
11
10.45
11.55
5
20
150
1
0.1
8.0
TZGC12TWS
WI
12
11.40
12.60
5
25
150
1
0.1
8.0
TZGC13TWS
WK
13
12.35
13.65
5
30
170
1
0.1
8.0
TZGC14TWS
WJ
14
13.30
14.70
5
30
170
1
0.1
10.0
TZGC15TWS
WL
15
14.25
15.75
5
30
200
1
0.1
10.5
TZGC16TWS
WM
16
15.20
16.80
5
40
200
1
0.1
11.2
TZGC17TWS
17C
17
16.15
17.85
5
40
200
1
0.1
12.2
TZGC18TWS
WN
18
17.10
18.90
5
45
225
1
0.1
12.6
TZGC20TWS
WO
20
19.00
21.00
5
55
225
1
0.1
14.0
TZGC22TWS
WP
22
20.90
23.10
5
55
250
1
0.1
15.4
TZGC24TWS
WR
24
22.80
25.20
5
70
250
1
0.1
16.8
TZGC27TWS
WS
27
25.65
28.35
5
80
300
1
0.1
18.9
TZGC28TWS
28C
28
26.60
29.40
5
80
300
1
0.1
20.5
TZGC30TWS
WT
30
28.50
31.50
5
80
300
1
0.1
21.0
TZGC33TWS
WU
33
31.35
34.65
5
80
325
1
0.1
23.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com