Electronic Components Datasheet Search
  English  ▼

X  

UM0304 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0304
Description  STR91x DSP library
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0304 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0304 Datasheet HTML 7Page - STMicroelectronics UM0304 Datasheet HTML 8Page - STMicroelectronics UM0304 Datasheet HTML 9Page - STMicroelectronics UM0304 Datasheet HTML 10Page - STMicroelectronics UM0304 Datasheet HTML 11Page - STMicroelectronics UM0304 Datasheet HTML 12Page - STMicroelectronics UM0304 Datasheet HTML 13Page - STMicroelectronics UM0304 Datasheet HTML 14Page - STMicroelectronics UM0304 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
UM0304
Block FIR 16-bit filter
11/19
the filter coefficients are a multiple of 6 - more information is available in the source code.
The source code module may be found in DSPLIB.
3.6
Requirements
A caller needs to organize an input vectors say x[] and output vector say y[] for filter. The
caller needs to design the filter coefficients using any of the windowing functions such as
Hamming, Hanning, and Blackman etc as required by the filter response.
Then upon designing the coefficients, reverse the order of the coefficients. The number of
coefficients, T, must be an integer multiple of 6.
3.7
Implementation
●
The filter needs T number of coefficients and T is multiple of 6
●
The output vector y[N] is such that N equals (2 * T)
●
The input vector x[M] is such that M equals (N + T - 1)
●
The code is little ENDIAN
●
The code is interrupt-tolerant but not interruptible
3.8
Benchmarking
The benchmarking for this filter function is done using Chameleon Trace while the filter
function is running in STR91x engine with ARM966E-S. For the Chameleon Trace in ETM
Configuration Trace Port Size is set to 8 bit and Trace Port Mode is set to Normal, Half-rate
clocking, while the STR91x engine runs at 96 MHz.
Table 3.
Benchmarking of Block FIR algorithm module
Number of taps
Cycle count
Microseconds
72
15063
156.854
48
6842
71.271
24
1813
18.885



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com