Electronic Components Datasheet Search
  English  ▼

X  

UM0304 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0304
Description  STR91x DSP library
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0304 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0304 Datasheet HTML 11Page - STMicroelectronics UM0304 Datasheet HTML 12Page - STMicroelectronics UM0304 Datasheet HTML 13Page - STMicroelectronics UM0304 Datasheet HTML 14Page - STMicroelectronics UM0304 Datasheet HTML 15Page - STMicroelectronics UM0304 Datasheet HTML 16Page - STMicroelectronics UM0304 Datasheet HTML 17Page - STMicroelectronics UM0304 Datasheet HTML 18Page - STMicroelectronics UM0304 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Complex 16-bit radix-4 FFT
UM0304
16/19
The STR91x implementation of the bit reversal stage is straightforward and contained
between the labels FFT and FFTSTART. The second stage begins at the label FFTSTART.
4.6
Performance benchmarking
We start by listing the performance for the speed optimized algorithm. Timings are given for
the STR91x running at 96 MHz. The code size for the optimized algorithm is 1592+ N/2
bytes (including the lookup-table) and the data size is 64 bytes (not including the input and
output buffers).
All these results were obtained on a STR910-EVAL best case configuration for speed. The
clock is 96 MHz; the number of wait states is minimum for Flash and for SRAM. The code is
run from Flash.
Output data
organization
imag_real (little endian)
such as real = address imag =address +2
Output data order
Linear
Coefficient size
16-bit
Coefficient organization
imag_real (little endian)
such as real = address imag =address +2
Coefficient computation
method
table lookup : sine table
Coefficient Table size
4080 bytes; = (1024 + 256 + 64+ 16 ) *4 *3/4
Table 6.
The FFT function characteristics
Feature
Description
Note
Table 7.
Benchmarking of Radix-4 Complex FFT Algorithm: STR91x 96 MHz.
Radix-4
complex FFT
Operation mode
Cycle count
Microseconds
64 Point
Program in Flash & Data in SRAM
2701
28.135
Program & Data in SRAM
3432
35.750
Program & Data in Flash
3705
38.594
256 Point
Program in Flash & Data in SRAM
13740
143.125
Program & Data in SRAM
18079
188.323
Program & Data in Flash
19908
207.375
1024 Point
Program in Flash & Data in SRAM
68534
713.896
Program & Data in SRAM
90422
941.896
Program & Data in Flash
101151
1053.656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com