Electronic Components Datasheet Search
  English  ▼

X  

UM0304 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0304
Description  STR91x DSP library
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0304 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0304 Datasheet HTML 8Page - STMicroelectronics UM0304 Datasheet HTML 9Page - STMicroelectronics UM0304 Datasheet HTML 10Page - STMicroelectronics UM0304 Datasheet HTML 11Page - STMicroelectronics UM0304 Datasheet HTML 12Page - STMicroelectronics UM0304 Datasheet HTML 13Page - STMicroelectronics UM0304 Datasheet HTML 14Page - STMicroelectronics UM0304 Datasheet HTML 15Page - STMicroelectronics UM0304 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Complex 16-bit radix-4 FFT
UM0304
12/19
4
Complex 16-bit radix-4 FFT
4.1
Description
The DFT X[k] of a complex sequence x[n] of length N is calculated by:
X[k] = S n=0 N-1 x[n]*exp(-j2pnk/N) for k=0, 1,2 0.N-1
A direct calculation of N complex values of X[k] will require 4N2 multiplications and 4N(N-1)
additions given the trigonometric function values. For example, if N=128, 65536
multiplications and 65024 additions are required.
In this report, a radix-4 FFT algorithm is implemented. More details about FFT algorithms
including radix-4 are found in references [3] [4] and [5].
4.2
Algorithm
The algorithm works as follows:
Block 1: Bit reverse
Copy the data from the input buffer to the output buffer in bit-reversed order. It is an integer
between 0 and N-1, with binary representation as shown, for the bit reversal of k, we will
write. So we perform the equivalent of the following loop:
int k, khat, bit;
for (k=0, khat=0; k<N; k++) {
X[khat]=x[k];
for (bit=N/2; (khat & bit)!=0; bit >>=1) khat ^= bit;
khat ^= bit; /* finish incrementing khat */
}
The bit loop inside increments khat as a bit reversed number. If the input buffers and output
buffers are equal (X=x), more care needs to be taken to do the action in place, but it can be
performed faster as fewer elements need to be moved. Putting the elements in bit reversed
order has the effect of grouping together all the Ys and Zs of the previous subsection so no
further rearrangement needs to be done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com