| Electronic Components Datasheet Search |
|
UPD705102 Datasheet(PDF) 46 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD705102 Datasheet(HTML) 46 Page - NEC |
|
46 / 80 page ![]() µPD705102 Data Sheet U13675EJ2V1DS00 46 Instruction Operand(s) Format CY OV S Z Function SHR reg1, reg2 I * 0 * * Logical right shift. reg2 is logically shifted to the right by the displacement specified by the low-order five bits of reg1 (0 is put on the MSB). The result is written into reg2. imm5, reg2 II * 0 * * Logical right shift. reg2 is logically shifted to the right by the displacement specified by imm5, zero-extended to a word. The result is written into reg2. SHRD3 reg1, reg2, VIII — — — — Right shift of concatenation. The 64 bits reg3 consisting of reg3 (high order) and reg2 (low order) are logically shifted to the right by the displacement specified by the low-order five bits of reg1. The low-order 32 bits of the result are written into reg3. ST.B reg2, VI — — — — Byte store. disp16, sign-extended to a word, disp16[reg1] is added to reg1 to generate an unsigned 32-bit address. The low-order one byte of data in reg2 is stored at the resulting address. ST.H reg2, VI — — — — Halfword store. disp16, sign-extended to a disp16[reg1] word, is added to reg1 to generate an unsigned 32-bit address. The low-order two bytes of the data in reg2 are stored at the resulting address. Bit 0 of the unsigned 32-bit address is masked to 0. ST.W reg2, VI — — — — Word store. disp16, sign-extended to a word, disp16[reg1] is added to reg1 to generate an unsigned 32-bit address. The word of data in reg2 is stored at the resulting address. Bits 0 and 1 of the unsigned 32-bit address are masked to 0. STBY IX — — — — Processor stop. The processor is placed in stop mode. STSR regID, reg2 II — — — — System register store. The contents of the system register identified by the system register number (regID) are set in reg2. SUB reg1, reg2 I * * * * Subtraction. reg1 is subtracted from reg2. The difference is written into reg2. TRAP vector II — — — — Software trap. The return PC and PSW are saved in the system registers: PSW.EP = 1 → Save in FEPC, FEPSW PSW.EP = 0 → Save in EIPC, EIPSW The exception code is set in the ECR: PSW.EP = 1 → Set in FECC PSW.EP = 0 → Set in EICC PSW flags are set: PSW.EP = 1 → Set NP and ID PSW.EP = 0 → Set EP and ID Program execution jumps to the trap handler address corresponding to the trap vector (0-31) specified by vector and begins exception handling. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |