Electronic Components Datasheet Search
  English  ▼

X  

UPD705102 Datasheet(PDF) 8 Page - NEC

Part # UPD705102
Description  V832TM 32-BIT MICROPROCESSOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD705102 Datasheet(HTML) 8 Page - NEC

Back Button UPD705102 Datasheet HTML 4Page - NEC UPD705102 Datasheet HTML 5Page - NEC UPD705102 Datasheet HTML 6Page - NEC UPD705102 Datasheet HTML 7Page - NEC UPD705102 Datasheet HTML 8Page - NEC UPD705102 Datasheet HTML 9Page - NEC UPD705102 Datasheet HTML 10Page - NEC UPD705102 Datasheet HTML 11Page - NEC UPD705102 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
µPD705102
Data Sheet U13675EJ2V1DS00
8
(2/2)
Pin Name
I/O
Function
Alternate Function
WE
3-state output
SDRAM write strobe
—
CAS
SDRAM CAS strobe
—
CS0
SDRAM chip select
—
CS1
SDRAM/SRAM (ROM) chip select
—
CKE
SDRAM clock enable
—
SDCLKOUT
Output
SDRAM clock output
—
DMARQ0
Input
DMA requests (CH0 to CH3)
PORTA1
DMARQ1
PORTA3
DMARQ2
PORTA5
DMARQ3
PORTA7
DMAAK0
Output
DMA enable (CH0 to CH3)
PORTA0
DMAAK1
PORTA2
DMAAK2
PORTA4
DMAAK3
PORTA6
TC
DMA transfer end output
STOPAK
TO10
Timer 1 output
INTP10
TO11
INTP12
TCLR
Input
Timer 1 clear, start input
PORTB1
TI
Timer 1 count clock input
PORTB0
RXD
Schmitt input
UART data input
PORT3
TXD
Output
UART data output
PORT4
SCLK
Schmitt I/O
CSI clock I/O
PORT0
SI
Schmitt input
CSI data input
PORT2
SO
Output
CSI data output
PORT1
DCK
Schmitt input
Debug clock input
—
DDI
Input
Debug data input
—
DDO
Output
Debug data output
—
DMS
Input
Debug mode select
—
DRST
DCU reset input
—
TRCDATA0 to
Output
Trace data output
—
TRCDATA3
VDD_I
—
Positive power supply (2.5 V)
—
VDD_O
Positive power supply (3.3 V)
—
GND_I
Ground (2.5 V)
—
GND_O
Ground (3.3 V)
—
VDD_PLL
PLL (internal clock generator) positive power supply (2.5 V)
—
GND_PLL
PLL (internal clock generator) ground potential (2.5 V)
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com