Electronic Components Datasheet Search
  English  ▼

X  

UPD705102 Datasheet(PDF) 49 Page - NEC

Part # UPD705102
Description  V832TM 32-BIT MICROPROCESSOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD705102 Datasheet(HTML) 49 Page - NEC

Back Button UPD705102 Datasheet HTML 45Page - NEC UPD705102 Datasheet HTML 46Page - NEC UPD705102 Datasheet HTML 47Page - NEC UPD705102 Datasheet HTML 48Page - NEC UPD705102 Datasheet HTML 49Page - NEC UPD705102 Datasheet HTML 50Page - NEC UPD705102 Datasheet HTML 51Page - NEC UPD705102 Datasheet HTML 52Page - NEC UPD705102 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
µPD705102
49
Data Sheet U13675EJ2V1DS00
DC Characteristics (VDDO = 3.0 to 3.6 V, VDDI = 2.3 to 2.7 V)
µPD705102-143 (CPU core frequency
≤ 143 MHz): TA = –40 to +85°C
µPD705102-143 (CPU core frequency
≤ 144 MHz): TA = –40 to +70°C
µPD705102-133:
TA = –40 to +85
°C
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Clock input voltage, low
VKL
Note 1
–0.5
+0.2 VDDO
V
Clock input voltage, high
VKH
Note 1
0.8 VDDO
VDDO + 0.3
V
Input voltage, low
VIL
–0.5
+0.6
V
Input voltage, high
VIH
2.0
VDDO + 0.3
V
Schmitt input voltage, low
VSL
Note 2
–0.5
+0.2 VDDO
V
Schmitt input voltage, high
VSH
Note 2
0.8 VDDO
VDDO + 0.3
V
Output voltage, low
VOL
IOL = 3.2 mA
0.4
V
Output voltage, high
VOH
IOH = –400
µA
0.85 VDDO
V
Input leakage current, low
ILIL
VIN = 0 V
–10
µA
Input leakage current, high
ILIH
VIN = VDDO
10
µA
Output leakage current, low
ILOL
VO = 0 V
–10
µA
Output leakage current, high
ILOH
VO = VDDO
10
µA
Supply currentNote 3
2.5 V
IDDI
In normal operation Clock division ratio 1/1
115
160
mA
(PLL mode)
Clock division ratio 1/2
60
mA
Clock division ratio 1/4
33
mA
In normal operation Clock division ratio 1/1
15
mA
(Direct mode)
Clock division ratio 1/2
7.5
mA
In HALT mode
20
29
mA
In STOP modeNote 4
25
450
µA
3.3 V
IDDO
In normal operation Clock division ratio 1/1
19
28
mA
(PLL mode)
Clock division ratio 1/2
10
mA
Clock division ratio 1/4
6mA
In normal operation Clock division ratio 1/1
4mA
(Direct mode)
Clock division ratio 1/2
3mA
In HALT mode
12
20
mA
In STOP modeNote 4
510
µA
Notes 1. X2 pin, DCK pin, and SCLK pin at external clock input
2. PORT0/SCLK, PORT2/SI, PORT3/RXD
3. Supply current at input clock: 17.85 MHz with output pins open, PLL 8
×
4. External clock mode when clock input is stopped.
Capacitance
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Input capacitance
CI
fC = 1 MHz
10
pF
I/O capacitance
CIO
10
pF
Remark
These parameters are sample values, not the value actually measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com