Electronic Components Datasheet Search
  English  ▼

X  

LT1493 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1493
Description  5MHz, 3V/s, Low Power Single Supply, Dual and Quad Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1493 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1493 Datasheet HTML 8Page - Linear Technology LT1493 Datasheet HTML 9Page - Linear Technology LT1493 Datasheet HTML 10Page - Linear Technology LT1493 Datasheet HTML 11Page - Linear Technology LT1493 Datasheet HTML 12Page - Linear Technology LT1493 Datasheet HTML 13Page - Linear Technology LT1493 Datasheet HTML 14Page - Linear Technology LT1493 Datasheet HTML 15Page - Linear Technology LT1493 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1492/LT1493
SI
PLIFIED SCHE ATIC
CI
Q5
Q10
CF
RF
I7
I8
CO
V–
CM
BIAS
OUT
V +
I6
I5
I4
I3
I2
I1
–IN
+IN
1492/93 SS
Q7
Q9
Q8
Q11
Q12
Q14
Q15
Q13
Q16
Q6
Q3
Q4
Q1
Q2
Ground Current Sense Amplifier
TYPICAL APPLICATIONS
–
+
VIN
V+
1/2
LT1492
RL
IOUT
1492/93 TA05
1k
1k
1k
1k
100
Ω
200pF
IOUT =
VIN
1
Ω
tr < 1µs
Si9430DY
P-CHANNEL
1
Ω
–
+
VIN
V+
1/2
LT1492
RL
IOUT
1492/93 TA06
1k
100
Ω
100pF
Si9410DY
N-CHANNEL
1
Ω
V+
IOUT =
VIN
1
Ω
tr < 1µs
1A Voltage-Controlled Current Source
1A Voltage-Controlled Current Sink
–
+
5V
1/2
LT1492
IIN
1492/93 TA07
VO = 1V/A
100
Ω
V+
1910
Ω
100pF
LOAD
0.05
Ω
OFFSET
≤ 3.6mA
BANDWIDTH = 250kHz
tr = 1µs
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com