Electronic Components Datasheet Search
  English  ▼

X  

LT1493 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1493
Description  5MHz, 3V/s, Low Power Single Supply, Dual and Quad Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1493 Datasheet(HTML) 4 Page - Linear Technology

  LT1493 Datasheet HTML 1Page - Linear Technology LT1493 Datasheet HTML 2Page - Linear Technology LT1493 Datasheet HTML 3Page - Linear Technology LT1493 Datasheet HTML 4Page - Linear Technology LT1493 Datasheet HTML 5Page - Linear Technology LT1493 Datasheet HTML 6Page - Linear Technology LT1493 Datasheet HTML 7Page - Linear Technology LT1493 Datasheet HTML 8Page - Linear Technology LT1493 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1492/LT1493
VS = 5V, 0V; VCM = 0.5V, VOUT = 0.5V, –40°C ≤ TA ≤ 85°C, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
150
325
µV
VOS
Input Offset Voltage Drift (Note 3)
q
13
µV/°C
∆T
IOS
Input Offset Current
q
540
nA
IB
Input Bias Current
q
55
130
nA
Input Voltage Range
q
3.4
3.5
V
q
0
– 0.1
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.4V
q
80
90
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V
q
90
110
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 3.7V, RL = 2k
q
140
220
V/mV
Maximum Output Voltage Swing
Output High, No Load
q
3.95
4.15
V
(Note 4)
Output High, ISOURCE = 1mA
q
3.85
4.05
V
Output High, ISOURCE = 15mA
q
2.75
2.95
V
Output Low, No Load
q
0.005
0.008
V
Output Low, ISINK = 1mA
q
0.073
0.095
V
Output Low, ISINK = 15mA
q
0.400
0.575
V
IS
Supply Current per Amplifier
q
480
700
µA
5V ELECTRICAL CHARACTERISTICS
VS = ±15V, VCM = 0V, VOUT = 0V, TA = 25°C, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
120
450
µV
IOS
Input Offset Current
520
nA
IB
Input Bias Current
45
100
nA
Input Voltage Range
13.4
13.6
V
– 15.0
– 15.2
V
CMRR
Common Mode Rejection Ratio
VCM = –15V to 13.4V
86
102
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±16V
90
113
dB
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 5k
1500
6500
V/mV
Maximum Output Voltage Swing
Output High, ISOURCE = 15mA
12.9
13.15
V
Output Low, ISINK = 15mA
– 14.4
– 14.6
V
IO
Maximum Output Current
(Note 8)
±20
±55
mA
SR
Slew Rate
AV = – 2, (Note 5)
2
3
V/
µs
GBW
Gain-Bandwidth Product
f = 100kHz
3
5
MHz
IS
Supply Current per Amplifier
500
800
µA
Channel Separation
VO = ±10V, RL = 5k
128
140
dB
Minimum Supply Voltage
±1.4
±2V
Full Power Bandwidth
AV = 1, VO = 20VP-P
30
kHz
tS
Settling Time
0.01%, AV = 1, ∆VO = 10V
5.8
µs
±15V ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com