Electronic Components Datasheet Search
  English  ▼

X  

LT1493 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1493
Description  5MHz, 3V/s, Low Power Single Supply, Dual and Quad Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1493 Datasheet(HTML) 3 Page - Linear Technology

  LT1493 Datasheet HTML 1Page - Linear Technology LT1493 Datasheet HTML 2Page - Linear Technology LT1493 Datasheet HTML 3Page - Linear Technology LT1493 Datasheet HTML 4Page - Linear Technology LT1493 Datasheet HTML 5Page - Linear Technology LT1493 Datasheet HTML 6Page - Linear Technology LT1493 Datasheet HTML 7Page - Linear Technology LT1493 Datasheet HTML 8Page - Linear Technology LT1493 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1492/LT1493
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 3.7V, RL = 2k
175
350
V/mV
Maximum Output Voltage Swing
Output High, No Load
4.2
4.35
V
(Note 4)
Output High, ISOURCE = 1mA
4.1
4.25
V
Output High, ISOURCE = 15mA
3.0
3.15
V
Output Low, No Load
0.003
0.006
V
Output Low, ISINK = 1mA
0.062
0.075
V
Output Low, ISINK = 15mA
0.362
0.500
V
IO
Maximum Output Current (Note 8)
±20
±60
mA
SR
Slew Rate
AV = – 2
1.8
V/
µs
GBW
Gain-Bandwidth Product
f = 100kHz
4.5
MHz
IS
Supply Current per Amplifier
425
550
µA
Minimum Supply Voltage
2.1
2.5
V
Full Power Bandwidth
AV = 1, VO = 2.5VP-P
150
kHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, VO = 100mV
100
ns
OS
Overshoot
AV = 1, VO = 100mV
20
%
tPD
Propagation Delay
AV = 1, VO = 100mV
100
ns
tS
Settling Time
0.01%, AV = 1, ∆VO = 2V
2.6
µs
Open-Loop Output Resistance
IO = 0mA, f = 2MHz
130
Ω
THD
Total Harmonic Distortion
AV = 1, VO = 1VRMS, f = 20Hz to 20kHz
0.005
%
VS = 5V, 0V; VCM = 0.5V, VOUT = 0.5V, TA = 25°C, unless otherwise noted.
5V ELECTRICAL CHARACTERISTICS
VS = 5V, 0V; VCM = 0.5V, VOUT = 0.5V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
120
280
µV
VOS
Input Offset Voltage Drift (Note 3)
q
13
µV/°C
∆T
IOS
Input Offset Current
q
525
nA
IB
Input Bias Current
q
55
110
nA
Input Voltage Range
q
3.4
3.55
V
q
0
– 0.15
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.4V
q
84
102
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V
q
90
110
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 3.7V, RL = 2k
q
140
250
V/mV
Maximum Output Voltage Swing
Output High, No Load
q
4.1
4.25
V
(Note 4)
Output High, ISOURCE = 1mA
q
4.0
4.15
V
Output High, ISOURCE = 15mA
q
2.9
3.05
V
Output Low, No Load
q
0.004
0.007
V
Output Low, ISINK = 1mA
q
0.070
0.085
V
Output Low, ISINK = 15mA
q
0.390
0.525
V
IS
Supply Current per Amplifier
q
470
650
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com