Electronic Components Datasheet Search
  English  ▼

X  

LT1881 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1881
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1881 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1881 Datasheet HTML 9Page - Linear Technology LT1881 Datasheet HTML 10Page - Linear Technology LT1881 Datasheet HTML 11Page - Linear Technology LT1881 Datasheet HTML 12Page - Linear Technology LT1881 Datasheet HTML 13Page - Linear Technology LT1881 Datasheet HTML 14Page - Linear Technology LT1881 Datasheet HTML 15Page - Linear Technology LT1881 Datasheet HTML 16Page - Linear Technology LT1881 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LT1881/LT1882
13
18812fb
TYPICAL PERFORMANCE CHARACTERISTICS
Total Harmonic Distortion + Noise
vs Output Voltage Amplitude
Open-Loop Gain
Settling Time/Output Step 0.01%
Settling Time/Output Step 0.01%
Gain vs Temperature
Gain vs Load Resistance
OUTPUT VOLTAGE AMPLITUDE (VP-P)
10m
10
1
0.1
0.01
0.001
1
0.1
10
100
18812 G45
f = 1kHz
RF = RG = 10k
AV = –1
VS = ±15V
AV = –1
VS = ±2.5V
AV = 2
VS = ±15V
AV = 2
VS = ±2.5V
OUTPUT VOLTAGE (5V/DIV)
18812 G46
RL = 2k
RL = 50k
RL = 10k
20μs/DIV
GND
10V
0.5mV/DIV
AV = 1
VS = ±15V
18812 G47
50μs/DIV
10V
GND
0.5mV/DIV
AV = 1
VS = ±15V
18812 G48
TEMPERATURE (°C)
18812 G49
6.0
5.0
4.0
3.0
2.0
1.0
0
–60 –40
0
–20
20
80
60
40
100 120 130
VS = ±5V
RL = 10k
0V TO 10V
0V TO –10V
RL = 2k
LOAD RESISTANCE (kΩ)
18812 G50
10.0
1.0
0.1
05
10
15
20
25
30
VS = ±15V
+AVOL (0V TO 10V)
–AVOL (0V TO –10V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com