Electronic Components Datasheet Search
  English  ▼

X  

LT1881 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1881
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1881 Datasheet(HTML) 3 Page - Linear Technology

  LT1881 Datasheet HTML 1Page - Linear Technology LT1881 Datasheet HTML 2Page - Linear Technology LT1881 Datasheet HTML 3Page - Linear Technology LT1881 Datasheet HTML 4Page - Linear Technology LT1881 Datasheet HTML 5Page - Linear Technology LT1881 Datasheet HTML 6Page - Linear Technology LT1881 Datasheet HTML 7Page - Linear Technology LT1881 Datasheet HTML 8Page - Linear Technology LT1881 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LT1881/LT1882
3
18812fb
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
C/I Grades
H/MP Grades
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage (LT1881A)
0°C < TA < 70°C
– 40°C < TA < 85°C
l
l
25
50
85
110
μV
μV
μV
Input Offset Voltage (LT1881/LT1882)
0°C < TA < 70°C
– 40°C < TA < 85°C
– 40°C < TA < 125°C
– 55°C < TA < 125°C
l
l
l
l
30
80
125
150
30
80
300
300
μV
μV
μV
μV
μV
ΔVOS/ΔT Input Offset Voltage Drift
(Note 6)
0°C < TA < 70°C
– 40°C < TA < 85°C
– 40°C < TA < 125°C
– 55°C < TA < 125°C
l
l
l
l
0.3
0.3
0.8
0.8
0.3
0.3
0.8
0.8
μV/°C
μV/°C
μV/°C
μV/°C
ΔVOS/
ΔTIME
Long-Term Input Offset
Voltage Stability
0.3
0.3
μV/month
IOS
Input Offset Current (LT1881A)
0°C < TA < 70°C
– 40°C < TA < 85°C
l
l
100
200
250
300
pA
pA
pA
Input Offset Current (LT1881/LT1882)
0°C < TA < 70°C
– 40°C < TA < 85°C
– 40°C < TA < 125°C
– 55°C < TA < 125°C
l
l
l
l
150
500
600
700
150
500
2000
2000
pA
pA
pA
pA
pA
IB
Input Bias Current (LT1881A)
0°C < TA < 70°C
– 40°C < TA < 85°C
l
l
100
200
250
300
pA
pA
pA
Input Bias Current (LT1881/LT1882)
0°C < TA < 70°C
– 40°C < TA < 85°C
– 40°C < TA < 125°C
– 55°C < TA < 125°C
l
l
l
l
150
500
600
700
150
500
3000
3000
pA
pA
pA
pA
pA
Input Noise Voltage
0.1Hz to 10Hz
0.5
0.5
μVP-P
en
Input Noise Voltage Density
f = 1kHz
14
14
nV/√Hz
in
Input Noise Current Density
f = 1kHz
0.03
0.03
pA/√Hz
RIN
Input Resistance
Differential Mode
Common Mode
l
l
20
100
20
100
MΩ
GΩ
CIN
Input Capacitance
l
22
pF
VCM
Input Voltage Range
l
V– + 1.0
V– + 1.2
V+ – 1.0
V+ – 1.2
V– + 1.0
V– + 1.2
V+ – 1.0
V+ – 1.2
V
V
CMRR
Common Mode Rejection Ratio
1V < VCM < 4V
1.2V < VCM < 3.8V
l
106
104
128
106
102
128
dB
dB
PSRR
Power Supply Rejection Ratio
V– = 0V, VCM = 1.5V
0°C < TA < 85°C, 2.7V < V+ < 32V
0°C < TA < 125°C, 2.7V < V+ < 32V
TA = –40°C, 3V < V+ < 32V
TA = –55°C, 3V < V+ < 32V
l
l
106
106
106
106
dB
dB
dB
dB
Minimum Operating Supply Voltage
l
2.4
2.7
2.4
2.7
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Single supply operation VS = 5V, 0V; VCM = VS/2 unless otherwise noted.
(Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com