Electronic Components Datasheet Search
  English  ▼

X  

LT1881 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1881
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1881 Datasheet(HTML) 4 Page - Linear Technology

  LT1881 Datasheet HTML 1Page - Linear Technology LT1881 Datasheet HTML 2Page - Linear Technology LT1881 Datasheet HTML 3Page - Linear Technology LT1881 Datasheet HTML 4Page - Linear Technology LT1881 Datasheet HTML 5Page - Linear Technology LT1881 Datasheet HTML 6Page - Linear Technology LT1881 Datasheet HTML 7Page - Linear Technology LT1881 Datasheet HTML 8Page - Linear Technology LT1881 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LT1881/LT1882
4
18812fb
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
C/I Grades
H/MP Grades
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AVOL
Large-Signal Voltage Gain
RL = 10k; 1V < VOUT < 4V
l
500
350
1600
500
300
1600
V/mV
V/mV
RL = 2k; 1V < VOUT < 4V
l
300
250
800
300
200
800
V/mV
V/mV
RL = 1k; 1V < VOUT < 4V
l
250
200
400
250
150
400
V/mV
V/mV
VOL
Output Voltage Swing Low
No Load
ISINK = 100μA
ISINK = 1mA
ISINK = 5mA
l
l
l
l
20
25
70
270
40
50
150
600
20
25
70
270
50
60
200
750
mV
mV
mV
mV
VOH
Output Voltage Swing High
(Referred to V+)
No Load
ISINK = 100μA
ISINK = 1mA
ISINK = 5mA
l
l
l
l
120
130
180
360
220
230
300
600
120
130
180
360
300
325
450
800
mV
mV
mV
mV
IS
Supply Current Per Amplifier
VS = 3V, 0V
l
0.45
0.65
0.85
1.2
0.45
0.65
0.85
1.5
mA
mA
VS = 5V, 0V
l
0.5
0.65
0.9
1.4
0.5
0.65
0.9
1.7
mA
mA
VS = 12V, 0V
l
0.5
0.70
1.0
1.5
0.5
0.70
1.0
1.8
mA
mA
ISC
Short-Circuit Current
VOUT Short to GND
VOUT Short to V+
l
l
15
15
30
30
10
10
30
30
mA
mA
GBW
Gain Bandwidth Product
f = 20kHz
0.35
1.0
0.35
1.0
MHz
Channel Separation
f = 1kHz
120
120
dB
tS
Settling Time
0.01%, VOUT = 1.5V to 3.5V,
AV = –1, RL = 2k
30
30
μs
SR +
Slew Rate Positive
AV = –1
l
0.15
0.12
0.35
0.15
0.1
0.35
V/μs
V/μs
SR–
Slew Rate Negative
AV = –1
l
0.11
0.08
0.18
0.11
0.06
0.18
V/μs
V/μs
FPBW
Full-Power Bandwidth
VOUT = 4VP-P
(Note 10)
l
8.75
6.35
14
8.75
4.75
14
kHz
kHz
ΔVOS
Offset Voltage Match
(LT1881A)
(Note 7)
0°C < TA < 70°C
– 40°C < TA < 85°C
l
l
30
70
125
160
μV
μV
μV
Offset Voltage Match
(LT1881/LT1882)
(Note 7)
0°C < TA < 70°C
– 40°C < TA < 85°C
– 40°C < TA < 125°C
– 55°C < TA < 125°C
l
l
l
l
35
125
175
235
35
125
385
385
μV
μV
μV
μV
μV
Offset Voltage Match Drift
(Notes 6, 7)
l
0.4
1.2
0.4
1.2
μV/°C
ΔIB+
Noninverting Bias Current Match
(LT1881A)
(Note 7)
0°C < TA < 70°C
– 40°C < TA < 85°C
l
l
200
300
400
500
pA
pA
pA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Single supply operation VS = 5V, 0V; VCM = VS/2 unless otherwise noted.
(Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com