Electronic Components Datasheet Search
  English  ▼

X  

LT3467 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3467
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3467 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3467 Datasheet HTML 5Page - Linear Technology LT3467 Datasheet HTML 6Page - Linear Technology LT3467 Datasheet HTML 7Page - Linear Technology LT3467 Datasheet HTML 8Page - Linear Technology LT3467 Datasheet HTML 9Page - Linear Technology LT3467 Datasheet HTML 10Page - Linear Technology LT3467 Datasheet HTML 11Page - Linear Technology LT3467 Datasheet HTML 12Page - Linear Technology LT3467 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LT3467/LT3467A
9
3467afe
APPLICATIONS INFORMATION
VOUT
200mV/DIV
AC COUPLED
IL1
5A/DIV
AC COUPLED
LOAD CURRENT
100mA/DIV
AC COUPLED
20μs/DIV
3467 F03
Figure 3. Transient Response of Figure 8’s Step-Up
Converter without Phase Lead Capacitor
VOUT
200mV/DIV
AC COUPLED
IL1
5A/DIV
AC COUPLED
LOAD CURRENT
100mA/DIV
AC COUPLED
20μs/DIV
3467 F04
Figure 4. Transient Response of Figure 8’s Step-Up
Converter with a 22pF Phase Lead Capacitor
Setting Output Voltage
To set the output voltage, select the values of R1 and R2
(see Figure 2) according to the following equation.
R1
=R2
VOUT
1.255V
–1
⎛
⎝⎜
⎞
⎠⎟
A good value for R2 is 13.3k which sets the current in the
resistor divider chain to 1.255V/13.3k = 94μA.
Layout Hints
The high speed operation of the LT3467/LT3467A demands
careful attention to board layout. You will not get adver-
tised performance with careless layout. Figure 5a shows
the recommended component placement for the ThinSOT
package. Figure 5b shows the recommended component
placement for the DFN package. Note the vias under the
Exposed Pad. These should connect to a local ground
plane for better thermal performance.
R2
R1
GND
C2
C3
L1
D1
C1
VOUT
VOUT
VIN
SHDN
3467 F05a
FB
CSS
SS
1
2
3
6
5
4
Figure 5a. Suggested Layout—ThinSOT
R2
R1
GND
C2
C1
L1
D1
VOUT
VOUT
3467 F05b
C3
FB
CSS
VIN
1
2
3
4
8
7
6
5
SHDN
Figure 5b. Suggested Layout—DFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com