Electronic Components Datasheet Search
  English  ▼

X  

LT3467 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3467
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3467 Datasheet(HTML) 5 Page - Linear Technology

  LT3467 Datasheet HTML 1Page - Linear Technology LT3467 Datasheet HTML 2Page - Linear Technology LT3467 Datasheet HTML 3Page - Linear Technology LT3467 Datasheet HTML 4Page - Linear Technology LT3467 Datasheet HTML 5Page - Linear Technology LT3467 Datasheet HTML 6Page - Linear Technology LT3467 Datasheet HTML 7Page - Linear Technology LT3467 Datasheet HTML 8Page - Linear Technology LT3467 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LT3467/LT3467A
5
3467afe
PIN FUNCTIONS (DFN/TSOT)
FB (Pin 1/Pin 3): Feedback Pin. Reference voltage is 1.255V.
Connect resistive divider tap here. Minimize trace area at
FB. Set VOUT = 1.255V(1 + R1/R2).
GND (Pins 2, 5, 9/Pin 2): Ground. Tie directly to local
ground plane.
SW (Pins 3, 4/Pin 1): Switch Pin. (Collector of internal
NPN power switch) Connect inductor/diode here and
minimize the metal trace area connected to this pin to
minimize EMI.
VIN (Pin 6/Pin 6): Input Supply Pin. Must be locally
bypassed.
SS (Pin 7/Pin 5): Soft-Start Pin. Place a soft-start capacitor
here. Upon start-up, 4μA of current charges the capacitor
to 1.255V. Use a larger capacitor for slower start-up. Leave
floating if not in use.
SHDN (Pin 8/Pin 4): Shutdown Pin. Tie to 2.4V or more
to enable device. Ground to shut down.
BLOCK DIAGRAM
–
+
RQ
S
0.01Ω
SW
DRIVER
COMPARATOR
SHDN
VIN
SS
FB
–
+
RAMP
GENERATOR
1.255V
REFERENCE
RC
CC
1.3MHz
OSCILLATOR*
GND
3467 F01
Q1
A2
A1
R1 (EXTERNAL)
R2 (EXTERNAL)
FB
VOUT
SHUTDOWN
250k
*2.1MHz FOR LT3467A
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com