Electronic Components Datasheet Search
  English  ▼

X  

LT3467 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3467
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3467 Datasheet(HTML) 1 Page - Linear Technology

  LT3467 Datasheet HTML 1Page - Linear Technology LT3467 Datasheet HTML 2Page - Linear Technology LT3467 Datasheet HTML 3Page - Linear Technology LT3467 Datasheet HTML 4Page - Linear Technology LT3467 Datasheet HTML 5Page - Linear Technology LT3467 Datasheet HTML 6Page - Linear Technology LT3467 Datasheet HTML 7Page - Linear Technology LT3467 Datasheet HTML 8Page - Linear Technology LT3467 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LT3467/LT3467A
1
3467afe
TYPICAL APPLICATION
DESCRIPTION
1.1A Step-Up DC/DC
Converter with
Integrated Soft-Start
The LT
®3467/LT3467A switching regulators combine a
42V, 1.1A switch with a soft-start function. Pin compatible
with the LT1930, its low VCESAT bipolar switch enables the
device to deliver high current outputs in a small footprint.
The LT3467 switches at 1.3MHz, allowing the use of tiny,
low cost and low height inductors and capacitors. The
LT3467A switches at 2.1MHz, allowing the use of even
smaller components. High inrush current at start-up is
eliminated using the programmable soft-start function.
A single external capacitor sets the current ramp rate. A
constant frequency current mode PWM architecture results
in low, predictable output noise that is easy to filter.
The high voltage switch on the LT3467/LT3467A is rated
at 42V, making the devices ideal for boost converters up
to 40V as well as SEPIC and flyback designs. The LT3467
can generate 5V at up to 540mA from a 3.3V supply or
5V at 450mA from four alkaline cells in a SEPIC design.
The LT3467A can generate 5V at up to 430mA from a 3.3V
supply or 15V at 135mA from a 3.3V supply. The LT3467/
LT3467A are available in a low profile (1mm) 6-lead SOT-23
package and tiny 3mm
× 2mm DFN package.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
Single Li-Ion Cell to 5V Boost Converter
FEATURES
APPLICATIONS
n 1.3MHz Switching Frequency (LT3467)
n 2.1MHz Switching Frequency (LT3467A)
n Low VCESAT Switch: 330mV at 1.1A
n High Output Voltage: Up to 40V
n Wide Input Range: 2.4V to 16V
n Dedicated Soft-Start Pin
n 5V at 540mA from 3.3V Input (LT3467)
n 5V at 430mA from 3.3V Input (LT3467A)
n 12V at 270mA from 5V Input (LT3467)
n 12V at 260mA from 5V Input (LT3467A)
n Uses Small Surface Mount Components
n Low Shutdown Current: <1μA
n Pin-for-Pin Compatible with the LT1930 and LT1613
n Low Profile (1mm) ThinSOT™ Package
n Low Profile (0.75mm) 8-Lead (3mm
× 2mm)
DFN Package
n Digital Cameras
n White LED Power Supplies
n Cellular Phones
n Medical Diagnostic Equipment
n Local 5V or 12V Supplies
n TFT-LCD Bias Supplies
n xDSL Power Supplies
GND
VIN
SW
SS
FB
VIN
2.6V TO
4.2V
2.7μH
402k
LT3467
3467 TA01a
15μF
3.3pF
4.7μF
133k
VOUT
5V
765mA AT VIN = 4.2V,
540mA AT VIN = 3.3V,
360mA AT VIN = 2.6V
SHDN
OFF ON
0.047μF
IOUT (mA)
600
95
90
85
80
75
70
65
60
55
50
3467 TA01b
100
900
200 300 400 500
700 800
VIN = 3.3V
VIN = 4.2V
VIN = 2.6V
Efficiency


Similar Part No. - LT3467

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467 LINER-LT3467 Datasheet
207Kb / 20P
True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3467 LINER-LT3467 Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
logo
Linear Integrated Syste...
LT3467 LINEAR-LT3467 Datasheet
254Kb / 18P
1.1A Step-Up DC/DC Converter with
logo
Linear Technology
LT3467A LINER-LT3467A Datasheet
268Kb / 16P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
More results

Similar Description - LT3467

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2710 NSC-LM2710 Datasheet
853Kb / 20P
Step-up PWM DC/DC Converter Integrated with 5 Buffers
LM3211 NSC-LM3211 Datasheet
821Kb / 21P
Step-up PWM DC/DC Converter Integrated with 4 Buffers
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Linear Technology
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LTC3105 LINER-LTC3105 Datasheet
1Mb / 18P
400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
logo
Linear Integrated Syste...
LT3467AIS6 LINEAR-LT3467AIS6 Datasheet
254Kb / 18P
1.1A Step-Up DC/DC Converter with
logo
Linear Technology
LTC3105 LINER-LTC3105_15 Datasheet
1Mb / 18P
400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com