Electronic Components Datasheet Search
  English  ▼

X  

LT3491 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3491
Description  White LED Driver with Integrated Schottky in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3491 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3491 Datasheet HTML 8Page - Linear Technology LT3491 Datasheet HTML 9Page - Linear Technology LT3491 Datasheet HTML 10Page - Linear Technology LT3491 Datasheet HTML 11Page - Linear Technology LT3491 Datasheet HTML 12Page - Linear Technology LT3491 Datasheet HTML 13Page - Linear Technology LT3491 Datasheet HTML 14Page - Linear Technology LT3491 Datasheet HTML 15Page - Linear Technology LT3491 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT3491
3491fa
TYPICAL APPLICATIO S
12V to One White LED at 200mA
Efficiency
CAP
LED
D1
VIN
C2
4.7
µF
C1
1
µF
L1
15
µH
C1, C3: TAIYO YUDEN LMK212BJ105MD
C2: TAIYO YUDEN LMK316BJ475ML
D1: LUXEON EMITTER LXHL-BWO2
L1: MURATA LQH32CN150
VIN
3V
PVIN
12V
RSENSE
1
Ω
3491 TA02a
LT3491
SHUTDOWN
AND
DIMMING
CONTROL
CTRL
SW
GND
C3
1
µF
Efficiency
CAP
LED
D1
VIN
C2
4.7
µF
C1
1
µF
L1
15
µH
VIN
3V
PVIN
12V
RSENSE
1
Ω
3491 TA03a
LT3491
SHUTDOWN
AND
DIMMING
CONTROL
CTRL
SW
GND
C3
1
µF
C1, C3: TAIYO YUDEN LMK212BJ105MD
C2: TAIYO YUDEN LMK316BJ475ML
D1: LUXEON EMITTER LXHL-BWO2
L1: MURATA LQH32CN150
12V to Two White LEDs at 200mA
LED CURRENT (mA)
50
60
70
80
55
65
75
40
80
120
160
3491 TA02b
200
20
0
60
100
140
180
LED CURRENT (mA)
60
70
80
90
65
75
85
40
80
120
160
3491 TA03b
200
20
0
60
100
140
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com