Electronic Components Datasheet Search
  English  ▼

X  

LT3491 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3491
Description  White LED Driver with Integrated Schottky in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3491 Datasheet(HTML) 3 Page - Linear Technology

  LT3491 Datasheet HTML 1Page - Linear Technology LT3491 Datasheet HTML 2Page - Linear Technology LT3491 Datasheet HTML 3Page - Linear Technology LT3491 Datasheet HTML 4Page - Linear Technology LT3491 Datasheet HTML 5Page - Linear Technology LT3491 Datasheet HTML 6Page - Linear Technology LT3491 Datasheet HTML 7Page - Linear Technology LT3491 Datasheet HTML 8Page - Linear Technology LT3491 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT3491
3491fa
TYPICAL PERFOR A CE CHARACTERISTICS
Switch Saturation Voltage (VCESAT)
Schottky Forward Voltage Drop
Shutdown Current (VCTRL = 0V)
Sense Voltage (VCAP – VLED)
vs VCTRL
Open-Circuit Output Clamp
Voltage
Input Current in Output Open
Circuit
Switching Waveform
Transient Response
(TA = 25°C unless otherwise specified)
SWITCH CURRENT (mA)
0
350
300
250
200
150
100
50
0
150
300
3491 G01
50
100
200
400
250
350
SCHOTTKY FORWARD DROP (mV)
0
150
200
250
600
1000
3491 G02
100
50
0
200
400
800
300
350
400
1200
VIN (V)
0
9
12
15
12
3491 G03
6
3
0
3
6
9
VCTRL (mV)
0
80
120
2000
3491 G04
40
0
500
1000
1500
240
200
160
VIN (V)
0
27
28
12
3491 G05
26
25
3
6
9
30
29
VIN (V)
0
0
1
2
3
4
5
6
36
9
12
3491 G06
VSW
10V/DIV
VCAP
50mV/DIV
IL
100mA/DIV
VIN = 3.6V
FRONT PAGE
APPLICATION CIRCUIT
200ns/DIV
3491 G07
VCTRL
5V/DIV
VCAP
5V/DIV
IL
200mA/DIV
VIN = 3.6V
FRONT PAGE
APPLICATION CIRCUIT
1ms/DIV
3491 G08
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3491E is guaranteed to meet performance specifications
from 0
°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com