Electronic Components Datasheet Search
  English  ▼

X  

LT3491 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3491
Description  White LED Driver with Integrated Schottky in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3491 Datasheet(HTML) 4 Page - Linear Technology

  LT3491 Datasheet HTML 1Page - Linear Technology LT3491 Datasheet HTML 2Page - Linear Technology LT3491 Datasheet HTML 3Page - Linear Technology LT3491 Datasheet HTML 4Page - Linear Technology LT3491 Datasheet HTML 5Page - Linear Technology LT3491 Datasheet HTML 6Page - Linear Technology LT3491 Datasheet HTML 7Page - Linear Technology LT3491 Datasheet HTML 8Page - Linear Technology LT3491 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT3491
3491fa
Quiescent Current (VCTRL = 3V)
Switching Current Limt
vs Duty Cycle
Schottky Leakage Current
vs Temperature
Open-Circuit Output Clamp Voltage
vs Temperature
Input Current in Output Open Circuit
vs Temperature
Switching Frequency
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS (T
A = 25°C unless otherwise specified)
Sense Voltage (VCAP – VLED)
vs VCTRL
Sense Voltage (VCAP – VLED)
vs VCAP
Sense Voltage (VCAP – VLED)
vs Temperature
VIN (V)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
36
9
12
3491 G09
DUTY CYCLE (%)
30
0
50
150
200
250
70
450
3491 G10
100
50
40
80
60
90
300
350
400
25
°C
TEMPERATURE (
°C)
–50
0
3
6
9
12
15
–25
025
50
3491 G11
75
100
VR = 10V
VR = 16V
VR = 20V
TEMPERATURE (
°C)
–50
–25
25
27
30
0
50
75
3491 G12
26
29
28
25
100
125
TEMPERATURE (
°C)
–50
4
5
6
25
75
3491 G13
3
2
–25
0
50
100
125
1
0
VIN = 3V
TEMPERATURE (
°C)
–50
–25
1.95
2.05
2.20
0
50
75
3419 G14
2.00
2.15
2.10
25
100
125
VCTRL (mV)
0
0
40
80
120
160
200
240
500
1000
1500
2000
3491 G15
–50
°C
25
°C
85
°C
VCAP (V)
5
200
204
25
3491 G16
196
192
10
15
20
212
208
TEMPERATURE (
°C)
–50
–25
192
200
212
0
50
75
3491 G17
196
208
204
25
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com