Electronic Components Datasheet Search
  English  ▼

X  

LT3503 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3503
Description  1A, 2.2MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3503 Datasheet(HTML) 2 Page - Linear Technology

  LT3503 Datasheet HTML 1Page - Linear Technology LT3503 Datasheet HTML 2Page - Linear Technology LT3503 Datasheet HTML 3Page - Linear Technology LT3503 Datasheet HTML 4Page - Linear Technology LT3503 Datasheet HTML 5Page - Linear Technology LT3503 Datasheet HTML 6Page - Linear Technology LT3503 Datasheet HTML 7Page - Linear Technology LT3503 Datasheet HTML 8Page - Linear Technology LT3503 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT3503
3503f
Input Voltage (VIN) .................................................. 20V
BOOST Pin Voltage .................................................. 40V
BOOST Pin Above SW Pin ....................................... 20V
SHDN Pin ................................................................ 20V
FB Voltage ................................................................. 6V
Operating Temperature Range (Note 2) ... –40
°C to 85°C
Maximum Junction Temperature .......................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
ORDER PART NUMBER
DCB PART MARKING
LT3503EDCB
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
TJMAX = 125°C, θJA = 64°C/ W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Range
3.6
20
V
Undervoltage Lockout
3.0
3.4
3.6
V
Feedback Voltage
●
765
780
795
mV
FB Pin Bias Current
VFB = Measured VREF (Note 4)
●
50
150
nA
Quiescent Current
Not Switching
1.9
2.6
mA
Quiescent Current in Shutdown
VSHDN = 0V
0.01
2
µA
Reference Line Regulation
VIN = 5V to 20V
0.007
%/V
Switching Frequency
VFB = 0.7V
2.0
2.2
2.4
MHz
VFB = 0V
36
kHz
Maximum Duty Cycle
●
76
81
%
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 12V, VBOOST = 17V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LCGW
TOP VIEW
SHDN
VIN
SW
FB
GND
BOOST
DCB PACKAGE
6-LEAD (2mm
´ 3mm) PLASTIC DFN
4
5
7
6
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com