Electronic Components Datasheet Search
  English  ▼

X  

LT3503 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3503
Description  1A, 2.2MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3503 Datasheet(HTML) 5 Page - Linear Technology

  LT3503 Datasheet HTML 1Page - Linear Technology LT3503 Datasheet HTML 2Page - Linear Technology LT3503 Datasheet HTML 3Page - Linear Technology LT3503 Datasheet HTML 4Page - Linear Technology LT3503 Datasheet HTML 5Page - Linear Technology LT3503 Datasheet HTML 6Page - Linear Technology LT3503 Datasheet HTML 7Page - Linear Technology LT3503 Datasheet HTML 8Page - Linear Technology LT3503 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT3503
3503f
TYPICAL PERFOR A CE CHARACTERISTICS
Typical Minimum Input Voltage
(VOUT = 3.3V)
Typical Minimum Input Voltage
(VOUT = 5V)
Switch Current Limit
Switch Current Limit
SHDN Pin Current
TA = 25°C unless otherwise noted.
VSHDN (V)
0
30
40
50
16
3503 G12
20
10
25
35
45
15
5
0
4
2
8
6
12 14
18
10
20
LOAD CURRENT (mA)
1
5.0
5.5
10
1OO
1000
3503 G13
4.5
4.0
3.5
LOAD CURRENT (mA)
1
5.2
6.7
7.2
7.7
10
100
1000
3503 G14
6.2
5.7
TEMPERATURE (
°C)
–45
1.0
1.1
1.3
1.4
1.5
2.0
1.7
-5
15
75
!#! /#
1.2
1.8
1.9
1.6
–25
35
55
DUTY CYCLE (%)
1.0
1.4
1.6
1.8
1.2
1.1
1.3
1.5
1.7
20
40
60
80
3503 G16
100
0
TYPICAL
MINIMUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com