Electronic Components Datasheet Search
  English  ▼

X  

LT3503 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3503
Description  1A, 2.2MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3503 Datasheet(HTML) 3 Page - Linear Technology

  LT3503 Datasheet HTML 1Page - Linear Technology LT3503 Datasheet HTML 2Page - Linear Technology LT3503 Datasheet HTML 3Page - Linear Technology LT3503 Datasheet HTML 4Page - Linear Technology LT3503 Datasheet HTML 5Page - Linear Technology LT3503 Datasheet HTML 6Page - Linear Technology LT3503 Datasheet HTML 7Page - Linear Technology LT3503 Datasheet HTML 8Page - Linear Technology LT3503 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT3503
3503f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Current Limit
(Note 3)
1.45
1.75
2.2
A
Switch VCESAT
ISW = 1A
400
mV
Switch Leakage Current
2
µA
Minimum Boost Voltage Above Switch
ISW = 1A
2
2.3
V
BOOST Pin Current
ISW = 1A
25
50
mA
SHDN Input Voltage High
2.3
V
SHDN Input Voltage Low
0.3
V
SHDN Bias Current
VSHDN = 2.3V (Note 5)
6
15
µA
VSHDN = 0V
0.01
0.1
µA
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 12V, VBOOST = 17V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3503E is guaranteed to meet performance specifications
from 0
°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current limit guaranteed by design and/or correlation to static test.
Slope compensation reduces current limit at higher duty cycle.
Note 4: Current flows out of pin.
Note 5: Current flows into pin.
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency (VOUT = 3.3V)
Efficiency (VOUT = 5V)
TA = 25°C unless otherwise noted.
LOAD CURRENT (A)
0
82
86
90
0.8
3503 G01
78
74
80
84
88
76
72
70
0.2
0.4
0.6
1.0
1.2
VIN = 8V
L = 2.5
µH
VIN = 12V
LOAD CURRENT (A)
0
82
86
90
0.8
3503 G02
78
74
80
84
88
76
72
70
0.2
0.4
0.6
1.0
1.2
VIN = 12V
L = 3.3
µH
VIN = 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com