Electronic Components Datasheet Search
  English  ▼

X  

LT3591 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3591
Description  White LED Driver with Integrated Schottky
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3591 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3591 Datasheet HTML 4Page - Linear Technology LT3591 Datasheet HTML 5Page - Linear Technology LT3591 Datasheet HTML 6Page - Linear Technology LT3591 Datasheet HTML 7Page - Linear Technology LT3591 Datasheet HTML 8Page - Linear Technology LT3591 Datasheet HTML 9Page - Linear Technology LT3591 Datasheet HTML 10Page - Linear Technology LT3591 Datasheet HTML 11Page - Linear Technology LT3591 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT3591
8
3591f
APPLICATIONS INFORMATION
SCHOTTKY DIODE
The LT3591 has a built-in Schottky diode. The internal
schottky saves board space in space constrained appli-
cations. In less space sensitive applications, an external
schottky diode connected between the SW node and the
CAP node increases efficiency one to two percent. It is
important to use a properly rated schottky diode that can
handle the peak switch current of the LT3591. In addition,
the schottky diode must have a breakdown voltage of at least
40V along with a low forward voltage in order to achieve
higher efficiency. One recommended external schottky
diode for the LT3591 is the Phillips PMEG4005AEA.
OVERVOLTAGE PROTECTION
The LT3591 has an internal open-circuit protection circuit.
In the cases of output open circuit, when the LEDs are
disconnected from the circuit or the LEDs fail open circuit,
VCAP is clamped at 42V (typ). The LT3591 will then switch
at a very low frequency to minimize input current. The VCAP
and input current during output open circuit are shown in
the Typical Performance Characteristics. Figure 4 shows
the transient response when the LEDs are disconnected.
For low DCR inductors, which is usually the case for this
application, the peak inrush current can be simplified as
follows:
I
V
L
r
L
LC
PK
IN
=
⎛
⎝⎜
⎞
⎠⎟
=
=
–.
•
• exp –
•
•
•
–
06
2
2
1
ω
α
ω
π
α
ω
rr
L
2
2
4•
where L is the inductance, r is the DCR of the inductor
and C is the output capacitance.
Table 3 gives inrush peak currents for some component
selections.
Table 3. Inrush Peak Currents
VIN (V)
r (Ω)L (µH)
COUT (µF)
IP (A)
4.2
0.3
22
2.2
1.06
4.2
0.71
22
2.2
0.96
4.2
0.58
15
1
0.83
4.2
1.6
15
1
0.68
PROGRAMMING LED CURRENT
The feedback resistor (RSENSE) and the sense voltage
(VCAP – VLED) control the LED current.
The CTRL pin controls the sense reference voltage as
shown in the Typical Performance Characteristics. For
CTRL higher than 1.5V, the sense reference is 200mV,
which results in full LED current. In order to have accurate
LED current, precision resistors are preferred (1% is rec-
ommended). The formula and table for RSENSE selection
are shown below.
R
mV
I
SENSE
LED
=
200
VCAP
20V/DIV
IL
500mA/DIV
VIN = 3.6V
CIRCUIT OF
FRONT PAGE
APPLICATION
LEDs DISCONNECTED
AT THIS INSTANT
500
µs/DIV
3591 F04
Figure 4. Output Open-Circuit Waveform
INRUSH CURRENT
The LT3591 has a built-in Schottky diode. When supply
voltage is applied to the VIN pin, an inrush current flows
through the inductor and the Schottky diode and charges
up the CAP voltage. The Schottky diode inside the LT3591
can sustain a maximum current of 1A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com