Electronic Components Datasheet Search
  English  ▼

X  

LT3591 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3591
Description  White LED Driver with Integrated Schottky
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3591 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3591 Datasheet HTML 8Page - Linear Technology LT3591 Datasheet HTML 9Page - Linear Technology LT3591 Datasheet HTML 10Page - Linear Technology LT3591 Datasheet HTML 11Page - Linear Technology LT3591 Datasheet HTML 12Page - Linear Technology LT3591 Datasheet HTML 13Page - Linear Technology LT3591 Datasheet HTML 14Page - Linear Technology LT3591 Datasheet HTML 15Page - Linear Technology LT3591 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT3591
14
3591f
TYPICAL APPLICATIONS
CTRL
VIN
C2
2.2
µF
C1
1
µF
L1
22
µH
VIN
3V TO 5V
RSENSE
10
Ω
3591 TA07a
LT3591
SHUTDOWN AND
DIMMING CONTROL
SW
CAP
LED
GND
C1: TAIYO YUDEN EMK107BJ105MA
C2: MURATA GRM31CR71H225KA88
L1: TAIYO YUDEN NR4018T220M
LED CURRENT (mA)
0
50
55
60
15
85
80
3591 TA07b
510
20
65
70
75
VIN = 3.6V
7 LEDs
CTRL
VIN
C2
2.2
µF
C1
1
µF
L1
22
µH
VIN
3V TO 5V
RSENSE
10
Ω
3591 TA08a
LT3591
SHUTDOWN AND
DIMMING CONTROL
SW
CAP
LED
GND
C1: TAIYO YUDEN EMK107BJ105MA
C2: MURATA GRM31CR71H225KA88
L1: TAIYO YUDEN NR4018T220M
LED CURRENT (mA)
0
55
60
85
80
3591 TA08b
20
65
70
75
15
510
VIN = 3.6V
8 LEDs
Li-Ion Driver for Seven White LEDs
Conversion Efficiency
Li-Ion Driver for Eight White LEDs
Conversion Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com