Electronic Components Datasheet Search
  English  ▼

X  

LT3591 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3591
Description  White LED Driver with Integrated Schottky
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3591 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3591 Datasheet HTML 7Page - Linear Technology LT3591 Datasheet HTML 8Page - Linear Technology LT3591 Datasheet HTML 9Page - Linear Technology LT3591 Datasheet HTML 10Page - Linear Technology LT3591 Datasheet HTML 11Page - Linear Technology LT3591 Datasheet HTML 12Page - Linear Technology LT3591 Datasheet HTML 13Page - Linear Technology LT3591 Datasheet HTML 14Page - Linear Technology LT3591 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3591
11
3591f
APPLICATIONS INFORMATION
LOW INPUT VOLTAGE APPLICATIONS
The LT3591 can be used in low input voltage applications.
The input supply voltage to the LT3591 must be 2.5V or
higher. However, the inductor can be run off a lower battery
voltage. This technique allows the LEDs to be powered off
two alkaline cells. Most portable devices have a 3.3V logic
supply voltage which can be used to power the LT3591.
The LEDs can be driven straight from the battery, resulting
in higher efficiency.
Figure 10 shows six LEDs powered by two AA cells. The
battery is connected to the inductor and the chip is powered
off a 3.3V logic supply voltage.
CTRL
VIN
C2
4.7
µF
C1: TAIYO YUDEN EMK107BJ105MA
C2: MURATA GRM31CR71H475KA12L
L1: TAIYO YUDEN NR4018T150M
C1
1
µF
L1
15
µH
C1
1
µF
2 AA CELLS
2V TO 3.2V
3.3V
RSENSE
10
Ω
3591 F10
LT3591
SHUTDOWN AND
DIMMING CONTROL
SW
CAP
LED
GND
Figure 10. 2 AA Cells to Six White LEDs
BOARD LAYOUT CONSIDERATIONS
As with all switching regulators, careful attention must be
paid to the PCB board layout and component placement.
To prevent electromagnetic interference (EMI) problems,
proper layout of high frequency switching paths is essential.
Minimize the length and area of all traces connected to
the switching node pin (SW). Keep the sense voltage pins
(CAP and LED) away from the switching node. Place COUT
next to the CAP pin. Always use a ground plane under the
switching regulator to minimize interplane coupling. Re-
commended component placement is shown in Figure 11.
Figure 11. Recommended Component Placement
L1
CIN
COUT
3591 F11
VIN
CTRL
LED
CAP
RSENSE
SW
6
7
GND
9
8
3
2
1
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com