Electronic Components Datasheet Search
  English  ▼

X  

UM0575 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0575
Description  The e-STARTER demonstration board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0575 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0575 Datasheet HTML 8Page - STMicroelectronics UM0575 Datasheet HTML 9Page - STMicroelectronics UM0575 Datasheet HTML 10Page - STMicroelectronics UM0575 Datasheet HTML 11Page - STMicroelectronics UM0575 Datasheet HTML 12Page - STMicroelectronics UM0575 Datasheet HTML 13Page - STMicroelectronics UM0575 Datasheet HTML 14Page - STMicroelectronics UM0575 Datasheet HTML 15Page - STMicroelectronics UM0575 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Getting started
UM0575
12/20
3
Getting started
3.1
Voltage level setting
To make the demonstration board operate with a given compressor-PTC couple, the only
thing to do is to check the divisor ratio of the R3/R4 resistors bridge.
First, the PTC voltage level, which is representative of a long enough START winding
activation, has to be defined. This level is called "VPTC-OFF".
To proceed, we propose to measure the PTC peak voltages in ON and in OFF state for the
whole range of operation, that is:
●
min and max values of the line voltage
●
at least one sample of all different compressors that could be used with the
e-STARTER
●
min and max values of the ambient temperature.
The PTC peak voltages in ON and in OFF state are called VPTC1 and VPTC2 respectively
(refer to the dashed lines in Figure 11).
Then, the "VPTC-OFF" level has to be chosen higher than the maximum value of VPTC1 in
order to ensure that the ACST6 has indeed been turned on at the beginning. The "VPTC-
OFF" level also has to be lower than the minimum value of VPTC2 in order to turn off the
ACST6 at the end of the required PTC conduction time.
In order to ensure a safe margin between these two levels, VPTC-OFF should be calculated
using the following equation:
Equation 2
According to Figure 4, the maximum VPTC1 level is 220 V. According to Figure 3, the
minimum VPTC2 level (198 V RMS line, no RUN cap, test conditions) equals 320 V (from the
Figure 11.
VPTC1 and VPTC2 definitions
V PTC1
V PTC2
V PTC
IPTC
V PTC1
V PTC2
V PTC
IPTC
AM00907v1
2
V
V
V
MIN
2
PTC
MAX
1
PTC
OFF
_
PTC
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com