Electronic Components Datasheet Search
  English  ▼

X  

UM0575 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0575
Description  The e-STARTER demonstration board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0575 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0575 Datasheet HTML 12Page - STMicroelectronics UM0575 Datasheet HTML 13Page - STMicroelectronics UM0575 Datasheet HTML 14Page - STMicroelectronics UM0575 Datasheet HTML 15Page - STMicroelectronics UM0575 Datasheet HTML 16Page - STMicroelectronics UM0575 Datasheet HTML 17Page - STMicroelectronics UM0575 Datasheet HTML 18Page - STMicroelectronics UM0575 Datasheet HTML 19Page - STMicroelectronics UM0575 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
UM0575
Bill of material
17/20
Appendix B
Bill of material
The following table gives the bill of material of the e-STARTER board for a 230 V application.
The values are given for indication as some values can be changed to adapt the voltage
level detection (R3, R4, DZ1) or to increase the board immunity (R6, C4, R7, C2, C3, R8,
C1).
Table 1.
e-STARTER bill of material
Index
Qty
Reference
Name
Package
Manufacturer
Manufacturer’s ordering
code / orderable part
number
1
1
TRIAC
T1
TO-220
STMicroelectronics
ACST6-7ST
2
1
SCR
T2
SOT-223
STMicroelectronics
X0202NN 5BA4
3
1
PNP transistor
Q1
SOT-23
Philips
PMBT2907A
4
1
NPN transistor
Q2
SOT-23
Philips
PMBT2222A
51
N-Channel
transistor
M1
SOT-23
Fairchild
MMBF170
61
Resistor620 k
Ω
1/4 W 1%
R1
TH,
Axial,0207
71
Resistor 470 k
Ω
1/4 W 1%
R2
TH,
Axial,0207
81
Resistor 510 k
Ω
1/4 W 1%
R3
TH,
Axial,0207
91
Resistor 30 k
Ω
1/4 W 1%
R4
TH,Axial,020,
pitch 2,5
10
1
Resistor 10 k
Ω
1/4 W 1%
R5
TH,Axial,0207
11
1
Resistor 0 1/4 W
R6
TH,Axial,0207
12
1
Resistor 220
1/4 W 1%
R7
SMD 1206
13
1
Resistor 1 M
1/4W 1%
R8
TH,Axial,0207
14
1
Ceramic capacitor
10 nF/50 V 20%
C1
SMD 1206
15
1
Ceramic capacitor
10 nF/50 V 20%
C2
SMD 1206
16
1
No capacitor
connected
C3
SMD 1206
17
1
Capacitor 22 nF /
250 VAC
C4
TH, pitch 11
18
1
Single phase
bridge rectifier
DF06
DIL DB-1
WTE / GOOD-ARK
DF06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com