Electronic Components Datasheet Search
  English  ▼

X  

UM0575 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0575
Description  The e-STARTER demonstration board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0575 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0575 Datasheet HTML 12Page - STMicroelectronics UM0575 Datasheet HTML 13Page - STMicroelectronics UM0575 Datasheet HTML 14Page - STMicroelectronics UM0575 Datasheet HTML 15Page - STMicroelectronics UM0575 Datasheet HTML 16Page - STMicroelectronics UM0575 Datasheet HTML 17Page - STMicroelectronics UM0575 Datasheet HTML 18Page - STMicroelectronics UM0575 Datasheet HTML 19Page - STMicroelectronics UM0575 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Bill of material
UM0575
18/20
19
1
General purpose
rectifier, 1N4007
(1000 V,1 A)
D1
DO214 SMA
20
1
Small signal
diode, 1N4148
(75 V,0.15 A)
D2
DO-35
21
1
Zener diode
DZ1
DO-35
Fairchild / Vishay
BZX55C 15
Table 1.
e-STARTER bill of material (continued)
Index
Qty
Reference
Name
Package
Manufacturer
Manufacturer’s ordering
code / orderable part
number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com