Electronic Components Datasheet Search
  English  ▼

X  

UM0843 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 12Page - STMicroelectronics UM0843 Datasheet HTML 13Page - STMicroelectronics UM0843 Datasheet HTML 14Page - STMicroelectronics UM0843 Datasheet HTML 15Page - STMicroelectronics UM0843 Datasheet HTML 16Page - STMicroelectronics UM0843 Datasheet HTML 17Page - STMicroelectronics UM0843 Datasheet HTML 18Page - STMicroelectronics UM0843 Datasheet HTML 19Page - STMicroelectronics UM0843 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Block descriptions
UM0843
16/48
Doc ID16543 Rev 2
UART2 features only RX/TX functionality. It uses the RS232 transceiver at U32 and its
RS232_2 signals are available on the P4 connector.
UART3 features only RX/TX functionality. It uses the RS232 transceiver at U33 and its
RS232_2 signals are available on the P5 connector.
UART4 features only RX/TX functionality. It uses the RS232 transceiver at U33 and its
RS232_2 signals are available on the P6 connector.
UART5 features only RX/TX functionality. It uses the RS232 transceiver at U34 and its
RS232_2 signals are available on the P7 connector.
Do not install jumpers in J31 when UART3, UART4 and UART5 are enabled and used.
6.5
HDLC-RS485
There are two HDLC-RS485s on the board, they are connected to RS485 transceiver (U16
and U60) and use DB9 connectors (P1 and P8).
HDLC-RS485 features the half-duplex communication, RXD and TXD single-end signals are
connected to one RS485 transceiver, by enabling CTS function, it can detect and avoid all
the possible bus conflict.
For the correct functionality of the HDLC-RS485, it is necessary to clock them by external
clock (TCLK, RCLK), the maxim clock frequency is 3.88MHz, There are two ways to deliver
the clocks to CPU. The default option is to use on-board clocks (819.2KHz) that are
generated by U38 CPLD.
By default the on-board clock configuration of HDLC-RS485-1 is selected as shown in
Table 9.
By default the on-board clock configuration of HDLC-RS485-2 is selected as shown in
Table 10.
Table 9.
HDLC-RS485-1 on-board clock jumpers
Jumper
Description
Configuration
JP65
Supply on-board clocks or
external clocks to CPU for
HDLC-RS485-1 TCLK.
(Default - fitted) to use on board
clocks (PIN-1)
JP66
Supply on-board clocks or
external clocks to CPU for
HDLC-RS485-1 RCLK. (Default
- fitted) to use on board clocks
(PIN-1)
12
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com