Electronic Components Datasheet Search
  English  ▼

X  

UM0843 Datasheet(PDF) 34 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 30Page - STMicroelectronics UM0843 Datasheet HTML 31Page - STMicroelectronics UM0843 Datasheet HTML 32Page - STMicroelectronics UM0843 Datasheet HTML 33Page - STMicroelectronics UM0843 Datasheet HTML 34Page - STMicroelectronics UM0843 Datasheet HTML 35Page - STMicroelectronics UM0843 Datasheet HTML 36Page - STMicroelectronics UM0843 Datasheet HTML 37Page - STMicroelectronics UM0843 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Evaluation board bill of materials (BOM)
UM0843
34/48
Doc ID16543 Rev 2
30
Header/dual
row/short/vertical/2.54
mm pin pitch
2x7
2
J5, J6
HEADER2X7
31
Header/single
row/short/vertical/2.54
mm
1x6
1
J8
CON6
32
RJ45/no LED/1.27 mm
pitch/8-pin/RA/TH
5621-1x1
Hesheng
4
J15, J18, J19, J21
RJ45x4_8
33
transformer/1:1/10/100
base-T/sop16-50-370
H1102
Pulse
4
J16, J17, J20, J22
H1102
34
Header/single
row/short/vertical/2.54
mm pin pitch header
1x12
1
J25
CON12_0
35
IDC 10x2/100 mil-
pitch/shrouded/vertical/
TH
HL0705F
Foxconn
1
J26
IDC10X2
36
Header/dual
row/short/vertical/2.54
mm pin pitch
2x10
1
J27
CON20A
37
TYPE B USB
CONNECTOR
amp-787924
AMP
1
J29
USB_DEV
38
TYPE A DUAL USB
CONNECTOR/RA/TH
tyco-5787617
Tyco
1
J30
USB_HOST_CON
39
Header/dual
row/short/vertical/2.54
mm pin pitch
2x6
1
J31
JUMP2X6
40
Inductor/1 uH/2.76 A/20
%/3.9x3.9/
GSCD43-1R0
genericsz
1
L1
LPS4012-102NL
41
Inductor/2.2 uH/1.75 A/
20%/3.9x3.9
GSCD43-2R2
genericsz
2
L2, L3
LPS4012-222ML
42
Bead/3000 mA/75 ohm/
0.025 ohm/SL1806
BLM41PG750
SN1L
Murata
21
L6, L7, L8, L9, L10,
L11, L12, L13, L14,
L15, L16, L17, L18,
L19, L20, L21, L22,
L23, L24, L25, L606
BLM41PG750SN1L
43
1
PD1
PADX2-80H60
44
Connector/D-
sub9/male/RA/TH
4
P1, P2, P3, P8
CONNECTOR DB9
Male
45
Header/single
row/short/vertical/2.54
mm pin pitch header
1x3
4
P4, P5, P6, P7
CON3
Table 32.
SPEAr310 bill of materials (BOM) (continued)
Item
Description
Part number
Manu-
facturer
Qty
Reference
Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com