| Electronic Components Datasheet Search |
|
UM0894 Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0894 Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 45 page ![]() Getting started UM0894 18/45 Doc ID 16999 Rev 6 1.8 Documentation The starter kit package STM32W-SK contains the following documentation components: ● STM32W108 starter kit welcome letter which briefly describes the kits targets and components. Note: STM32W108B-SK also contains Raisonance STM32-Primer2 welcome letter. The extension kit package STM32W-EXT contains an STM32W108 extension kit welcome letter which briefly describes the kits targets and components. 1.9 Software libraries and demonstration applications The STM32W108xx Starter and Extension Kit boards supports the following RF Software libraries packages: ● ST ZigBee RF4CE software library and ZRC, ZID application profiles with demonstration applications for controlling an RF4CE compliant TV using an RF4CE compliant remote control and a RF4CE mouse, keyboard, ... ● ST SimpleMAC software library and demonstration applications targeting point-to-point communication scenarios based on the IEEE 802.15.4 protocol. For a detailed description of each software package, refer to the related documentation. Note: Please check for the most recent RF library package versions on the STM32W 32-bit RF MCUs Internet webpages at www.st.com/stm32w. 1.10 Kit set-up 1.10.1 Powering on the boards Each application board can be powered as follows: ● Via batteries (fit 1-2 on the P2 jumper) ● Via USB or JTAG (fit 5-6 on the P2 jumper) Note: 1. The jumper position 3-4 is reserved for internal usage. 2. To enable the application board temperature, MEMS and infrared sensors, fit jumper JP1. 3. MB951 USB dongle can be powered only by connecting it to a PC USB port. The MB850 extension board is designed as an IEEE 802.15.4 application-specific daughterboard. It must be connected to the STM32-Primer2 extension connector to be powered through the STM32-Primer2. The MB850 should be connected with the STM32W108 visible. 1.10.2 Installing drivers for USB virtual COM In order to use the serial communication channel on an application board, a driver for the FTDI USB<-> Serial converter or a Virtual COM port driver for an STM32F103xx must be installed. The correct driver to install is based on the application board revision number. The following application boards requires the driver FTDI USB <-> Serial converter: ● MB851 Rev A ● MB851 Rev B ● MB954 Rev A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |