Electronic Components Datasheet Search
  English  ▼

X  

UM0894 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0894
Description  STM32W-SK and STM32W-EXT starter and extension kits for STM32W108xx microcontrollers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0894 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0894 Datasheet HTML 15Page - STMicroelectronics UM0894 Datasheet HTML 16Page - STMicroelectronics UM0894 Datasheet HTML 17Page - STMicroelectronics UM0894 Datasheet HTML 18Page - STMicroelectronics UM0894 Datasheet HTML 19Page - STMicroelectronics UM0894 Datasheet HTML 20Page - STMicroelectronics UM0894 Datasheet HTML 21Page - STMicroelectronics UM0894 Datasheet HTML 22Page - STMicroelectronics UM0894 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
UM0894
Getting started
Doc ID 16999 Rev 6
19/45
The related drivers can be downloaded from the FTDI website at
www.ftdichip.com/Drivers/D2XX.htm.
All other application boards require the STMicroelectronics Virtual COM port driver which is
provided within each RF software library package.
1.10.3
Setting up the application serial communication channel
To get full access to all the available commands, some demonstration applications may
require that the application board is interfaced with the user through a serial communication
channel (virtual COM through USB). To set a serial communication channel for the
application board, follow these steps:
1.
Where applicable, fit the application board jumper P2 on position 5-6 (power via USB).
2.
Connect a mini USB cable to the application board mini-USB connector and to a PC
USB port.
3.
Right-click on
My Computer, select Manage, Device Manager, and open Ports (COM
& LPT) to display the related USB COMx port.
4.
Open a hyper terminal on the corresponding USB virtual COMx port with the following
configuration:
–
Bit rate: 115200
–
Data bits: 8
–
Parity: None
–
Stop bits: 1
–
Flow control: None
The STM32-Primer2 and MB850 demonstration applications use the STM32-Primer2
resources (LCD, joystick with button, touch screen display) as I/O communication channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com