| Electronic Components Datasheet Search |
|
UM0894 Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0894 Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 45 page ![]() Running the STM32W108xx kits UM0894 20/45 Doc ID 16999 Rev 6 2 Running the STM32W108xx kits STM32W-SK In the STM32W-SK starter kit (STM32W108B-SK), the following applications are preprogrammed: ● Two CircleOs applications preloaded in the STM32-Primer2: – ZigBee RF4CE RC application – SimpleMAC sun sample application ● One Perytons capture firmware (application board labeled as “Analyzer”) In the STM32W-SK starter kit (STM32W108C-SK), the following applications are preprogrammed: ● One SimpleMAC planet application (application board labeled as "Planet") ● One Perytons capture firmware (application board labeled as “Analyzer”) ● A USB dongle with SimpleMAC planet application You can also start a packet capture session using the Perytons analyzer (see Section 3.2: Network analyzer for more details). STM32W-EXT In the STM32W-EXT extension kit, all four boards are preprogrammed with SimpleMAC planet firmware (application board labeled as "Planet"). Using these boards, you can extend the sun, planet point to point network with other four planet nodes. 2.1 Installing the STM32W108xx kit software tree To install the specific kit software tree, download the related RF software library package from the STM32W 32-bit RF MCUs Internet web pages. 2.2 Remote control and virtual TV (based on RF4CE library) This section shows how to control a ZigBee RF4CE-compliant TV target using an RF4CE- compliant remote control. The demonstration application is run using the STM32-Primer2 and MB850 as a remote control and a PC applet for emulating a TV on your PC. The RF4CETV PC applet implements a virtual TV supporting the following features: ● 12 channels, playing video from files ● Volume control ● Mute ● Channel change ● Play/Pause ● Pair button ● Device information Note: STM32- Primer2 and MB850 are available only with STM32W108B-SK kit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |