Electronic Components Datasheet Search
  English  ▼

X  

LTC2906 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2906
Description  Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2906 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2906 Datasheet HTML 5Page - Linear Technology LTC2906 Datasheet HTML 6Page - Linear Technology LTC2906 Datasheet HTML 7Page - Linear Technology LTC2906 Datasheet HTML 8Page - Linear Technology LTC2906 Datasheet HTML 9Page - Linear Technology LTC2906 Datasheet HTML 10Page - Linear Technology LTC2906 Datasheet HTML 11Page - Linear Technology LTC2906 Datasheet HTML 12Page - Linear Technology LTC2906 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2906/LTC2907
9
29067f
In margining application, the three-state input pins can be
driven using a three-state buffer. Note however, the low
and high output of the three-state buffer has to satisfy the
VIL and VIH of the three-state pin listed in the Electrical
Characteristics Table. Moreover, when the three-state
buffer is in the high impedance state, the maximum
leakage current allowed from the pin to either GND or V1
is 10
µA.
Monitor Programming
Connecting S1 to either GND, or V1, or leaving it in open
state selects the LTC2906/LTC2907 V1 input voltage
threshold. Table 1 shows the three possible selections of
V1 nominal input voltage and their corresponding S1
connection.
The noninverting input on the VADJ comparator is set
to 0.5V when the TOL pin is set high (5% tolerance)
(Figure 1) and the high impedance inverting input directly
ties to the VADJ pin.
Table 1. Supply Selection Programming
V1
S1
5.0
V1
3.3
OPEN
2.5
GND
Note: Open = open circuit or driven by a three-state buffer
in high impedance state with leakage current less than 10
µA.
R2 =100k
Ω is recommended. Once the resistor divider is
set in the 5% tolerance mode, there is no need to change
the divider for the other tolerance modes (7.5%, 10%)
because the internal reference at the noninverting input on
the VADJ comparator is scaled accordingly, moving the trip
point in 2.5% decrements.
Table 2 shows suggested 1% resistor values for various
adjustable applications.
Table 2. Suggested 1% Resistor Values for the VADJ Inputs
VSUPPLY (V)
VTRIP (V)
R1 (k
Ω)
R2 (k
Ω)
12
11.25
2150
100
10
9.4
1780
100
8
7.5
1400
100
7.5
7
1300
100
6
5.6
1020
100
5
4.725
845
100
3.3
3.055
511
100
3
2.82
464
100
2.5
2.325
365
100
1.8
1.685
237
100
1.5
1.410
182
100
1.2
1.120
124
100
1
0.933
86.6
100
0.9
0.840
68.1
100
0.8
0.750
49.9
100
0.7
0.655
30.9
100
0.6
0.561
12.1
100
Tolerance Programming
The three-state input pin TOL, programs the common
supply tolerance for both V1 and VADJ input voltages (5%,
7.5% or 10%). The larger the tolerance the lower the trip
threshold. Table 3 shows the tolerances selection corre-
sponding to a particular connection at the TOL pin.
–
+
+
– 0.5V
LTC2906/LTC2907
R1
1%
R2
1%
VTRIP
VADJ
29067 F01
Figure 1. Setting the Adjustable Trip Point
In a typical application, the VADJ pin connects to a tap point
on an external resistive divider between the positive volt-
age being monitored and ground. The following formula
obtains R1 resistor value for a particular value of R2 and
a desired trip voltage at 5% tolerance:
R
V
V
R
TRIP
1
05
12
5
=
(%)
.
–
APPLICATIO S I FOR ATIO
Table 3. Tolerance Programming
TOLERANCE
TOL
5%
V1
7.5%
OPEN
10%
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com