Electronic Components Datasheet Search
  English  ▼

X  

LTC2906 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2906
Description  Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2906 Datasheet(HTML) 4 Page - Linear Technology

  LTC2906 Datasheet HTML 1Page - Linear Technology LTC2906 Datasheet HTML 2Page - Linear Technology LTC2906 Datasheet HTML 3Page - Linear Technology LTC2906 Datasheet HTML 4Page - Linear Technology LTC2906 Datasheet HTML 5Page - Linear Technology LTC2906 Datasheet HTML 6Page - Linear Technology LTC2906 Datasheet HTML 7Page - Linear Technology LTC2906 Datasheet HTML 8Page - Linear Technology LTC2906 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2906/LTC2907
4
29067f
COMPARATOR OVERDRIVE VOLTAGE (% OF VRTX)
0.1
700
600
500
400
300
200
100
0
1
10
100
29067 G07
RESET OCCURS
ABOVE CURVE
CTMR (FARAD)
10p
100p
1n
10n
100n
1
µ
29067 G08
10000
1000
100
10
1
0.1
TEMPERATURE (
°C)
29067 G09
235
230
225
220
215
210
205
200
195
0.505
0.500
0.495
0.490
0.485
0.480
0.475
0.470
19.5
19.0
18.5
18.0
17.5
17.0
15.8
15.6
15.4
15.2
15.0
14.8
14.6
14.4
14.2
14.0
29067 G06
TEMPERATURE (
°C)
29067 G05
29067 G04
29067 G12
29067 G11
29067 G10
TEMPERATURE (
°C)
5%
7.5%
V1 (V)
0
5
4
3
2
1
0
–1
123
4
5
S1 = TOL = VCC = V1
VADJ = 0.55V
10k PULL-UP RESISTOR
V1 (V)
0
5
4
3
2
1
0
–1
123
4
5
V1 (V)
0
5
4
3
2
1
0
–1
123
4
5
10%
–50
100
25
TEMPERATURE (
°C)
75
–25
0
50
–50
100
25
75
–25
0
50
V1 = 5V
VCC = 3.3V
VADJ =0.55V
S1 =TOL = 1.4V
–50
100
25
75
–25
0
50
–50
100
25
75
–25
0
50
V1 = 2.5V
VCC = 3.3V
VADJ =0.55V
S1 =TOL = 1.4V
S1 = TOL = VCC = V1
VADJ = 0.55V
10k PULL-UP RESISTOR
S1 = TOL = VCC = V1
VADJ = 0.55V
10pF CAPACITOR AT RST
CRT = 22nF
(FILM)
TYPICAL PERFOR A CE CHARACTERISTICS
ADJ Threshold Voltage vs
Temperature
IV1 vs Temperature
IVCC vs Temperature
Typical Transient Duration vs
Comparator Overdrive (V1, VADJ)
Reset Time Out Period (tRST)
vs Capacitance (CTMR)
Reset Time Out Period (tRST)
vs Temperature
RST Output Voltage vs V1
RST Output Voltage vs V1
RST Output Voltage vs V1
Specifications are at TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com