Electronic Components Datasheet Search
  English  ▼

X  

LTC2906 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2906
Description  Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2906 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2906 Datasheet HTML 8Page - Linear Technology LTC2906 Datasheet HTML 9Page - Linear Technology LTC2906 Datasheet HTML 10Page - Linear Technology LTC2906 Datasheet HTML 11Page - Linear Technology LTC2906 Datasheet HTML 12Page - Linear Technology LTC2906 Datasheet HTML 13Page - Linear Technology LTC2906 Datasheet HTML 14Page - Linear Technology LTC2906 Datasheet HTML 15Page - Linear Technology LTC2906 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC2906/LTC2907
13
29067f
VADJ
GND
RST
V1
VCC
S1
RST
TOL
LTC2906
5V
3.3V
0.1
µF
SYSTEM
RESET
2906 TA05
511k
100k
10k
V1
VCC
RST
S1
VADJ
TMR
TOL
GND
LTC2907
1V
2.5V
5V
0.1
µF
0.1
µF
0.1
µF
2907 TA04
22nF
499
Ω
LED
100k
86.6k
2.5V, 1V Monitor, 10% Tolerance with LED Undervoltage Indicator
and 5V High Availability Auxiliary Supply (5V Not Monitored)
Dual Supply Monitor with Hysteresis, 5% Tolerance
(Supplies Rising), 10% Tolerance (After RST Goes Low)
TYPICAL APPLICATIO S
CGATE
10nF
VCC
RONB
154k
3.3V
RTB1
RTB2
RFA1
RFB1
RTA2
237k
100k
RTA1
RONA
100k
ON
FB1
GATE
LTC2923
GND
292067 TA06
RAMP
RFA2
RFB2
RAMPBUF
TRACK1
TRACK2
FB2
DC/DC
IN
FB
OUT
DC/DC
IN
FB
OUT
0.1
µF
0.1
µF
22nF
RST
TMR
V1
TOL
VADJ
S1
LTC2907
SYSTEM
1.8V
2.5V
VCC
GND
Dual Supply Monitor for Tracked/Sequenced Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com