Electronic Components Datasheet Search
  English  ▼

X  

AN4277 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4277
Description  Using STM32F3 Series PWM shut-down features for motor control and digital power conversion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4277 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4277 Datasheet HTML 10Page - STMicroelectronics AN4277 Datasheet HTML 11Page - STMicroelectronics AN4277 Datasheet HTML 12Page - STMicroelectronics AN4277 Datasheet HTML 13Page - STMicroelectronics AN4277 Datasheet HTML 14Page - STMicroelectronics AN4277 Datasheet HTML 15Page - STMicroelectronics AN4277 Datasheet HTML 16Page - STMicroelectronics AN4277 Datasheet HTML 17Page - STMicroelectronics AN4277 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Using the break function with other MCU resources
AN4277
14/23
DocID024409 Rev 2
5
Using the break function with other MCU resources
5.1
Break function used for over-current protection
The STM32F3 Series microcontroller embeds a set of peripherals designed to resolve
common motor control issues by reducing the number of required external components.
This section describes how to use these peripherals to implement over-current protection.
Figure 3 shows the over-current protection network that can be implemented using the
internal resources of the STM32F3 Series.
Figure 3. Over-current protection network implemented with STM32F3 Series
The principle of this over-current protection mechanism can be summarized as follows:
•
The phase current of the motor flows in the power transistor of the inverter bridge and
passes through the shunt resistor (RShunt) producing a voltage drop (V+).
•
This voltage drop is compared with a threshold (V-) defining the maximum admissible
current.
•
If the threshold is exceeded, a break signal stops the PWM generation putting the
system in a safe state.
All of these actions can be performed using the internal resources of the STM32F3 Series
and, in particular, the embedded comparators and advanced timer break function (BRK2). In
the basic implementation, the only external component required is the shunt resistor that
must be sized depending on the current to be monitored and the shunt resistor power rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com